Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCMM1206S1-R002 Datasheet(PDF) 8 Page - Cyntec Co., Ltd.

Part # SCMM1206S1-R002
Description  SCMM1206S1 Series, Current Sensor Resistor (Lead / Halogen Free)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

SCMM1206S1-R002 Datasheet(HTML) 8 Page - Cyntec Co., Ltd.

  SCMM1206S1-R002 Datasheet HTML 1Page - Cyntec Co., Ltd. SCMM1206S1-R002 Datasheet HTML 2Page - Cyntec Co., Ltd. SCMM1206S1-R002 Datasheet HTML 3Page - Cyntec Co., Ltd. SCMM1206S1-R002 Datasheet HTML 4Page - Cyntec Co., Ltd. SCMM1206S1-R002 Datasheet HTML 5Page - Cyntec Co., Ltd. SCMM1206S1-R002 Datasheet HTML 6Page - Cyntec Co., Ltd. SCMM1206S1-R002 Datasheet HTML 7Page - Cyntec Co., Ltd. SCMM1206S1-R002 Datasheet HTML 8Page - Cyntec Co., Ltd. SCMM1206S1-R002 Datasheet HTML 9Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
DOCUMENT : CYNP-199-026
Page : 8
REVISION
: A0
Current Sensor Resistor
Care Note :
Care note for storage
(1) Chip resistor shall be stored in a room where temperature and humidity must be controlled.
(temperature 5 to 35℃, humidity < 60% RH) However, a humidity keep it low, as it is possible.
(3) Chip resistor shall be stored as direct sunshine doesn’t hit on it.
(4) Chip resistor shall be stored with no moisture, dust, a material that will make solderability inferior, and
a harmful gas (Chloridation hydrogen, sulfurous acid gas, and sulfuration hydrogen)
Care note for operating and handling
(1) Protect the edge and coating of the sensors from mechanical stress.
(2) Avoid bending of printing circuit board (PCB) when cutting and fixing it on support body to reduce
mechanical stress on sensors.
(3) Sensor should be used within the condition of specification.
Note: When a voltage higher than specified value is loaded to the sensor, this may damage the sensor
material due to temperature rise.
(4) The loaded voltage should consult terminal temperature of the sensor according to the derating curve.
(5) When applying a high current exceeding suggested specification (pulse current, shock current) to the
sensor, it is necessary to re-evaluate the operating condition before using it in the system.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com