Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCMM1206S1-R005 Datasheet(PDF) 4 Page - Cyntec Co., Ltd.

Part # SCMM1206S1-R005
Description  SCMM1206S1 Series, Current Sensor Resistor (Lead / Halogen Free)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

SCMM1206S1-R005 Datasheet(HTML) 4 Page - Cyntec Co., Ltd.

  SCMM1206S1-R005 Datasheet HTML 1Page - Cyntec Co., Ltd. SCMM1206S1-R005 Datasheet HTML 2Page - Cyntec Co., Ltd. SCMM1206S1-R005 Datasheet HTML 3Page - Cyntec Co., Ltd. SCMM1206S1-R005 Datasheet HTML 4Page - Cyntec Co., Ltd. SCMM1206S1-R005 Datasheet HTML 5Page - Cyntec Co., Ltd. SCMM1206S1-R005 Datasheet HTML 6Page - Cyntec Co., Ltd. SCMM1206S1-R005 Datasheet HTML 7Page - Cyntec Co., Ltd. SCMM1206S1-R005 Datasheet HTML 8Page - Cyntec Co., Ltd. SCMM1206S1-R005 Datasheet HTML 9Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DOCUMENT : CYNP-199-026
Page : 4
REVISION
: A0
Current Sensor Resistor
Electrical
Item
Specification and Requirement
Test Method
Temperature
Coefficient
(TCR)
As follow specification
JIS-C-5201
+25℃/ +125℃.
Short Time Overload
△R:  0.5%
Without damage by flashover, spark, arcing,
burning or breakdown
JIS-C-5201-1 4.13
2.5 x rated power for 5 seconds.
ESD
△R:  1%
Without damage by flashover, spark, arcing,
burning or breakdown
AEC-Q200-002
Human body, 8KV.
Insulation Resistance
Over 100 M on Overcoat layer face up
JIS-C-5201-1 4.6
100VDC for 60 +10/-0 seconds
Voltage Proof
△R:  1%
Without damage by flashover, spark, arcing,
burning or breakdown
JIS-C-5201-1 4.7
400VAC(rms.) for 60 +10/ -0 seconds
Mechanical
Item
Specification and Requirement
Test Method
Solderability
The surface of terminal immersed shall be
minimum of 95% covered with a new coating
of solder
J-STD-002 Method B category 3
245±5℃ for 5±0.5 seconds.
Resistance to Solder
Heat
△R:  0.5%
Without distinct damage in appearance
MIL-STD-202 Method 210
260  5℃ for 10  1 seconds.
Board Flex
△R:  1.0%
Without mechanical damage such as break.
AEC-Q200-005
Bending value: 2 mm for 60 ± 1
seconds.
Vibration
△R:  0.5%
Without distinct damage in appearance
MIL-STD-202 Method 204
5G’s for 20 minutes, 12 cycles each
of 3 orientations. Test from 10-
2000Hz.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com