Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCMM1206S1-R006 Datasheet(PDF) 7 Page - Cyntec Co., Ltd.

Part # SCMM1206S1-R006
Description  SCMM1206S1 Series, Current Sensor Resistor (Lead / Halogen Free)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

SCMM1206S1-R006 Datasheet(HTML) 7 Page - Cyntec Co., Ltd.

  SCMM1206S1-R006 Datasheet HTML 1Page - Cyntec Co., Ltd. SCMM1206S1-R006 Datasheet HTML 2Page - Cyntec Co., Ltd. SCMM1206S1-R006 Datasheet HTML 3Page - Cyntec Co., Ltd. SCMM1206S1-R006 Datasheet HTML 4Page - Cyntec Co., Ltd. SCMM1206S1-R006 Datasheet HTML 5Page - Cyntec Co., Ltd. SCMM1206S1-R006 Datasheet HTML 6Page - Cyntec Co., Ltd. SCMM1206S1-R006 Datasheet HTML 7Page - Cyntec Co., Ltd. SCMM1206S1-R006 Datasheet HTML 8Page - Cyntec Co., Ltd. SCMM1206S1-R006 Datasheet HTML 9Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
DOCUMENT : CYNP-199-026
Page : 7
REVISION
: A0
Current Sensor Resistor
Peel Strength of Top Cover Tape :
The peel speed shall be about 300mm/min and the peel force of top cover tape shall between 0.1 to 0.7N
Number of Taping :
4,000 pieces / reel
Label Marking :
The following items shall be marked on tray
(1) Description
(2) Quantity
(3) Part No.
(4) Tapping No.
165 ~ 180°
Top Cover Tape
0.1 ~ 0.7N
Carrier tape



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com