Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCMM3923S5-R002 Datasheet(PDF) 3 Page - Cyntec Co., Ltd.

Part # SCMM3923S5-R002
Description  SCMM3923S5 Series, Current Sensor Resistor (Lead / Halogen Free)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

SCMM3923S5-R002 Datasheet(HTML) 3 Page - Cyntec Co., Ltd.

  SCMM3923S5-R002 Datasheet HTML 1Page - Cyntec Co., Ltd. SCMM3923S5-R002 Datasheet HTML 2Page - Cyntec Co., Ltd. SCMM3923S5-R002 Datasheet HTML 3Page - Cyntec Co., Ltd. SCMM3923S5-R002 Datasheet HTML 4Page - Cyntec Co., Ltd. SCMM3923S5-R002 Datasheet HTML 5Page - Cyntec Co., Ltd. SCMM3923S5-R002 Datasheet HTML 6Page - Cyntec Co., Ltd. SCMM3923S5-R002 Datasheet HTML 7Page - Cyntec Co., Ltd. SCMM3923S5-R002 Datasheet HTML 8Page - Cyntec Co., Ltd. SCMM3923S5-R002 Datasheet HTML 9Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DOCUMENT : CYNP-199-028
Page : 3
REVISION
: A0
Current Sensor Resistor
Type Designation :
S C M M
3923
S
5
□ □ □ □
(1)
(2)
(3)
(4)
(5)
(6)
P/N list :
P/N
R value
TCR
Power Rating
Tolerance
(mΩ)
(ppm/K)
(W)
1%
2%
5%
SCMM3923S5-0M20*
0.2
< ±100
5
SCMM3923S5-0M30*
0.3
< ±100
5
SCMM3923S5-0M40*
0.4
< ±75
5
SCMM3923S5-0M50*
0.5
< ±75
5
SCMM3923S5-0M70*
0.7
< ±75
5
SCMM3923S5-R001*
1.0
< ±50
5
SCMM3923S5-R002*
2.0
< ±50
5
SCMM3923S5-R003*
3.0
< ±50
5
SCMM3923S5-R004*
4.0
< ±50
5
* Note : Other values and tolerance would be available, please contact Cyntec.
Note :
(1) Series No.
(2) Size
(3) Terminal Type : S = Short terminal
(4) Power Rating : 5 = 5W
(5) Resistance value : R001 = 0.001, 0M20 = 0.0002
(6) Tolerance : F = ±1%, G = ±2%, J = ±5%



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com