Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCMM3923S5-R003 Datasheet(PDF) 1 Page - Cyntec Co., Ltd.

Part # SCMM3923S5-R003
Description  SCMM3923S5 Series, Current Sensor Resistor (Lead / Halogen Free)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

SCMM3923S5-R003 Datasheet(HTML) 1 Page - Cyntec Co., Ltd.

  SCMM3923S5-R003 Datasheet HTML 1Page - Cyntec Co., Ltd. SCMM3923S5-R003 Datasheet HTML 2Page - Cyntec Co., Ltd. SCMM3923S5-R003 Datasheet HTML 3Page - Cyntec Co., Ltd. SCMM3923S5-R003 Datasheet HTML 4Page - Cyntec Co., Ltd. SCMM3923S5-R003 Datasheet HTML 5Page - Cyntec Co., Ltd. SCMM3923S5-R003 Datasheet HTML 6Page - Cyntec Co., Ltd. SCMM3923S5-R003 Datasheet HTML 7Page - Cyntec Co., Ltd. SCMM3923S5-R003 Datasheet HTML 8Page - Cyntec Co., Ltd. SCMM3923S5-R003 Datasheet HTML 9Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DOCUMENT : CYNP-199-028
Page : 1
REVISION
: A0
Current Sensor Resistor
SCMM3923S5 Series, Current Sensor Resistor (Lead / Halogen Free)
Features / Applications :
High power rating is up to 5W
Low inductance (< 3 nH)
Low thermal EMF (< 3 μV/°C)
Extremely low resistance values, down to 0.2 mΩ
Welding construction; Excellent long-term stability
RoHS compliant
Industrial applications & Current sensor resistor
Suited for mounting on DBC/IMS substrate
Electrical Specifications :
Characteristics1
Feature
Power Rating2
5 W
Resistance Value
0.2 to 4 mΩ
Temperature Coefficient of Resistance (25/125℃)
From 50 ppm/℃
Operation Temperature Range
-65℃~ +170℃
Resistance Tolerance
 1%
Maximum Working Voltage (V)
( P*R)1/2
1. For detail information refer to the table on page 3 P/N list
2. For resistors are operated at terminal temperature in excess of 120℃ (0.2-1mΩ) or 70℃ (2-4mΩ),
the maximum load shall be derated in accordance with the following curve.
Figure 1.:Power derating curve at terminal temperature


Similar Part No. - SCMM3923S5-R003

ManufacturerPart #DatasheetDescription
logo
Cyntec Co., Ltd.
SCMM3923S7 CYNTEC-SCMM3923S7 Datasheet
1Mb / 9P
SCMM3923S7 Series, Current Sensor Resistor (Lead / Halogen Free)
SCMM3923S7-0M20 CYNTEC-SCMM3923S7-0M20 Datasheet
1Mb / 9P
SCMM3923S7 Series, Current Sensor Resistor (Lead / Halogen Free)
SCMM3923S7-0M30 CYNTEC-SCMM3923S7-0M30 Datasheet
1Mb / 9P
SCMM3923S7 Series, Current Sensor Resistor (Lead / Halogen Free)
SCMM3923S7-0M40 CYNTEC-SCMM3923S7-0M40 Datasheet
1Mb / 9P
SCMM3923S7 Series, Current Sensor Resistor (Lead / Halogen Free)
SCMM3923S7-0M50 CYNTEC-SCMM3923S7-0M50 Datasheet
1Mb / 9P
SCMM3923S7 Series, Current Sensor Resistor (Lead / Halogen Free)
More results

Similar Description - SCMM3923S5-R003

ManufacturerPart #DatasheetDescription
logo
Cyntec Co., Ltd.
SCIM2512S3 CYNTEC-SCIM2512S3 Datasheet
1Mb / 9P
SCIM2512S3 Series, Current Sensor Resistor (Lead / Halogen Free)
SCIM2512S6 CYNTEC-SCIM2512S6 Datasheet
1Mb / 9P
SCIM2512S6 Series, Current Sensor Resistor (Lead / Halogen Free)
SCMM1206S1 CYNTEC-SCMM1206S1 Datasheet
1Mb / 9P
SCMM1206S1 Series, Current Sensor Resistor (Lead / Halogen Free)
SCMM1206SD CYNTEC-SCMM1206SD Datasheet
1Mb / 9P
SCMM1206SD Series, Current Sensor Resistor (Lead / Halogen Free)
SCMM2512S2 CYNTEC-SCMM2512S2 Datasheet
1Mb / 9P
SCMM2512S2 Series, Current Sensor Resistor (Lead / Halogen Free)
SCMM2512S3 CYNTEC-SCMM2512S3 Datasheet
1Mb / 9P
SCMM2512S3 Series, Current Sensor Resistor (Lead / Halogen Free)
SCMM2527W6 CYNTEC-SCMM2527W6 Datasheet
1Mb / 9P
SCMM2527W6 Series, Current Sensor Resistor (Lead / Halogen Free)
RL3720WT CYNTEC-RL3720WT Datasheet
921Kb / 8P
RL3720WT Series Current Sensor Resistor (Lead / Halogen Free)
VSIL2512S3 CYNTEC-VSIL2512S3 Datasheet
1Mb / 9P
VSIL2512S3 Series, Current Sensor Resistor (Lead / Halogen Free)
VSML2512S3 CYNTEC-VSML2512S3 Datasheet
1Mb / 9P
VSML2512S3 Series, Current Sensor Resistor (Lead / Halogen Free)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com