Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCRR1206SD Datasheet(PDF) 3 Page - Cyntec Co., Ltd.

Part # SCRR1206SD
Description  SCRR1206SD Series Current Sensing Resistor (Lead / Halogen Free)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

SCRR1206SD Datasheet(HTML) 3 Page - Cyntec Co., Ltd.

  SCRR1206SD Datasheet HTML 1Page - Cyntec Co., Ltd. SCRR1206SD Datasheet HTML 2Page - Cyntec Co., Ltd. SCRR1206SD Datasheet HTML 3Page - Cyntec Co., Ltd. SCRR1206SD Datasheet HTML 4Page - Cyntec Co., Ltd. SCRR1206SD Datasheet HTML 5Page - Cyntec Co., Ltd. SCRR1206SD Datasheet HTML 6Page - Cyntec Co., Ltd. SCRR1206SD Datasheet HTML 7Page - Cyntec Co., Ltd. SCRR1206SD Datasheet HTML 8Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DOCUMENT : SCRR1206SD
REVISION
: A2
3
Current Sensing Resistor
Characteristics :
Electrical
Item
Specification and Requirement
Test Method (JIS 5201)
Temperature
Coefficient of
Resistance(ppm/℃)
As electrical specifications
Room temperature
Room temperature +100℃
Short Time Overload △R: ± 0.5%
Without damage by flashover, spark,
arcing, burning or breakdown
2.5 x rated voltage for 5 seconds
Insulation Resistance
Over 100 M on Overcoat layer face up
Over 1,000 M on Substrate side face up
(1) Setup as figure 1
(2) Test voltage: 100VDC±15VDC
(3) Test time: 60 + 10 / - 0 seconds
Voltage Proof
Resistance range: ± 1.0%
Without damage by flashover, spark,
arcing, burning or breakdown
(1) Setup as figure 1
(2) Test voltage: 400VAC(rms.)
(3) Test time: 60 + 10 / - 0 seconds
Mechanical
Item
Specification and Requirement
Test Method (JIS 5201)
Solderability
The surface of terminal immersed shall be
minimum of 95% covered with a new
coating of solder
Solder bath:
After immersing in flux, dip in 245 ± 5℃
molten solder bath for 2 ± 0.5 seconds
Insulation Plate
Spring
Sample Electrode
Metal Block
Measurement Point B
Pressure Rod
(Metal)
Measurement Point A
Substrate
Over coat Film
Figure 1 : Measurement Setup
(R=0.5 mm)
A
B
Voltage Supply
Substrate Side



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com