Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCMM3923S5-R004 Datasheet(PDF) 6 Page - Cyntec Co., Ltd.

Part # SCMM3923S5-R004
Description  SCMM3923S5 Series, Current Sensor Resistor (Lead / Halogen Free)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

SCMM3923S5-R004 Datasheet(HTML) 6 Page - Cyntec Co., Ltd.

  SCMM3923S5-R004 Datasheet HTML 1Page - Cyntec Co., Ltd. SCMM3923S5-R004 Datasheet HTML 2Page - Cyntec Co., Ltd. SCMM3923S5-R004 Datasheet HTML 3Page - Cyntec Co., Ltd. SCMM3923S5-R004 Datasheet HTML 4Page - Cyntec Co., Ltd. SCMM3923S5-R004 Datasheet HTML 5Page - Cyntec Co., Ltd. SCMM3923S5-R004 Datasheet HTML 6Page - Cyntec Co., Ltd. SCMM3923S5-R004 Datasheet HTML 7Page - Cyntec Co., Ltd. SCMM3923S5-R004 Datasheet HTML 8Page - Cyntec Co., Ltd. SCMM3923S5-R004 Datasheet HTML 9Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
DOCUMENT : CYNP-199-028
Page : 6
REVISION
: A0
Current Sensor Resistor
PACKAGING DESCRIPTIONS :
Dimensions :
Item
A0
B0
P0
P
W
P2
E
F
D0
D1
T
K0
Resistance Range(mΩ)
0.2
0.3, 0.4, 0.5
0.7, 2
1, 3, 4
Spec
6.2
10.4
4.0
8.0
16.0
2.0
1.75
7.5
1.5
1.5
0.3
Spec
2.4
2
1.6
1.4
0.1
0.1
0.1
0.1
0.3
0.1
0.1
0.1
0.1
0.1
0.05
0.1
0.1
0.1
0.1
-0.1
-0.1
-0.1
-0.1
-0.3
-0.1
-0.1
-0.1
0
0
-0.05
-0.1
-0.1
-0.1
-0.1
Max
6.3
10.5
4.1
8.1
16.3
2.1
1.85
7.6
1.6
1.6
0.35
Max
2.5
2.1
1.7
1.5
Min
6.1
10.3
3.9
7.9
15.7
1.9
1.65
7.4
1.5
1.5
0.25
Min
2.3
1.9
1.5
1.3
Reel dimensions :



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com