Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL7520WT Datasheet(PDF) 2 Page - Cyntec Co., Ltd.

Part # RL7520WT
Description  RL7520WT Series Current Sensor Resistor (Lead / Halogen Free)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

RL7520WT Datasheet(HTML) 2 Page - Cyntec Co., Ltd.

  RL7520WT Datasheet HTML 1Page - Cyntec Co., Ltd. RL7520WT Datasheet HTML 2Page - Cyntec Co., Ltd. RL7520WT Datasheet HTML 3Page - Cyntec Co., Ltd. RL7520WT Datasheet HTML 4Page - Cyntec Co., Ltd. RL7520WT Datasheet HTML 5Page - Cyntec Co., Ltd. RL7520WT Datasheet HTML 6Page - Cyntec Co., Ltd. RL7520WT Datasheet HTML 7Page - Cyntec Co., Ltd. RL7520WT Datasheet HTML 8Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DOCUMENT : SR89-NH
PAGE
: 2
REVISION
: A1
Current Sensor Resistor
Outline Drawing :
Dimensions and schematic:
(Unit : mm)
Resistance Range(mΩ)
L
W
a
b
t
1 to 20
2.00 ± 0.20
7.50 ± 0.30
0.40 ± 0.20
0.40 ± 0.20
0.80 ± 0.20
Type Designation :
R L
7520 WT – □□□□ – □NH
(1)
(2)
(3)
(4)
Note :
(1) Series No.
(2) Size
(3) Resistance value : 0R5m = 0.5mΩ;R002 = 2mΩ;R010 = 10mΩ
(4) Tolerance : ±1%(F), ±2%(G), ±5%(J)
(1) Resistive element: Metal film
(Under protection film)
(2) Electrode: Solder Sn (on Cu)
(3) Protection film: Epoxy resin
(4) Substrate: Alumina



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com