Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF11/2 Datasheet(PDF) 1 Page - Littelfuse

Part # BLF11/2
Description  Axial Lead and Cartridge Fuses - Midget
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

BLF11/2 Datasheet(HTML) 1 Page - Littelfuse

  BLF11/2 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Axial Lead and Cartridge Fuses
430
www .littelfuse .com
Midget
Laminated Body Fast-Acting Type BLF Series
ELECTRICAL CHARACTERISTICS:
% of Ampere
Opening
Rating
Time
110%
4 hours, Minimum
135%
1 hour, Maximum
200%
30 seconds, Maximum
AGENCY APPROVALS: Listed by Underwriters Laboratories and
Certified by CSA.
INTERRUPTING RATING: 10,000 amperes at rated VAC.
NOTE: Not recommended for applications in humid areas.
Fibre Body Fast-Acting Type BLN Series
ELECTRICAL CHARACTERISTICS:
% of Ampere
Opening
Rating
Time
110%
4 hours, Minimum
135%
1 hour, Maximum
200%
30 seconds, Maximum
AGENCY APPROVALS: Listed by Underwriters Laboratories and
Certified by CSA.
INTERRUPTING RATING: 10,000 amperes at 250 VAC.
FUSES TO MIL SPEC: See F09A type in Military Section.
ORDERING INFORMATION:
Cartridge
Nominal
Catalog
Ampere
AC Voltage
Resistance
Number
Rating
Rating
Cold Ohms
BLF 1/2
.500
250
1.57
BLF 1
1
250
.395
BLF 11/2
1.5
250
.2191
BLF 2
2
250
.125
BLF 21/2
2.5
250
.0946
BLF 3
3
250
.0696
BLF 4
4
250
.0432
BLF 5
5
250
.0413
BLF 6
6
260
.02842
BLF 61/4
6.25
250
.02741
BLF 7
7
250
.02282
BLF 8
8
250
.01664
BLF 9
9
250
.01364
BLF 10
10
250
.01097
BLF 12
12
250
.00920
BLF 15
15
250
.00684
BLF 20
20
125
.00528
BLF 25
25
125
.00378
BLF 30
30
125
.00289
ORDERING INFORMATION:
Cartridge
Nominal
Catalog
Ampere
AC Voltage
Resistance
Number
Rating
Rating
Cold Ohms
BLN 1
1
250
.395
BLN 1 1/2
1.5
250
.222
BLN 2
2
250
.125
BLN 3
3
250
.071
BLN 4
4
250
.0432
BLN 5
5
250
.0413
BLN 6
6
250
.0284
BLN 8
8
250
.0166
BLN 10
10
250
.011
BLN 12
12
250
.00920
BLN 15
15
250
.00684
BLN 20
20
250
.0036
BLN 25
25
250
.00270
BLN 30
30
250
.00230
®
UL
®
QPL
38.1
(1.50")
10.31
(.406")
38.1
(1.50")
10.31
(.406")
®
UL
®


Similar Part No. - BLF11/2

ManufacturerPart #DatasheetDescription
logo
Littelfuse
BLF1.5 LITTELFUSE-BLF1.5 Datasheet
177Kb / 1P
Axial Lead and Cartridge Fuses
logo
NXP Semiconductors
BLF1043 PHILIPS-BLF1043 Datasheet
52Kb / 8P
UHF power LDMOS transistor
2000 Feb 23
BLF1043 NXP-BLF1043 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
BLF1046 PHILIPS-BLF1046 Datasheet
43Kb / 8P
UHF power LDMOS transistor
2000 Feb 02
BLF1046 NXP-BLF1046 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
More results

Similar Description - BLF11/2

ManufacturerPart #DatasheetDescription
logo
Littelfuse
BLS10 LITTELFUSE-BLS10 Datasheet
37Kb / 1P
Axial Lead and Cartridge Fuses- Special Midget
FLM LITTELFUSE-FLM Datasheet
35Kb / 1P
Axial Lead and Cartridge Fuses - Midget
FLQ LITTELFUSE-FLQ Datasheet
35Kb / 1P
Axial Lead and Cartridge Fuses - Midget
KLK LITTELFUSE-KLK Datasheet
39Kb / 1P
Axial Lead and Cartridge Fuses - Midget
KLKD LITTELFUSE-KLKD Datasheet
40Kb / 1P
Axial Lead and Cartridge Fuses - Midget
KLQ LITTELFUSE-KLQ Datasheet
71Kb / 1P
Axial Lead and Cartridge Fuses - Midget
047101.5NRT1L LITTELFUSE-047101.5NRT1L Datasheet
179Kb / 3P
Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
0473.750YRT1L LITTELFUSE-0473.750YRT1L Datasheet
341Kb / 3P
Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
04732.25MRT1HF LITTELFUSE-04732.25MRT1HF Datasheet
341Kb / 3P
Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
047706.3MXP LITTELFUSE-047706.3MXP Datasheet
436Kb / 3P
Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com