Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

METSECT5CC005 Datasheet(PDF) 1 Page - Schneider Electric

Part # METSECT5CC005
Description  current transformer tropicalised DIN mount 50 5 for cables d. 21
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

METSECT5CC005 Datasheet(HTML) 1 Page - Schneider Electric

  METSECT5CC005 Datasheet HTML 1Page - Schneider Electric METSECT5CC005 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
METSECT5CC005
current transformer tropicalised DIN mount 50 5
for cables d. 21
Product availability : Non-Stock - Not normally stocked in distribution facility
Price** : 1,372.00 USD
Main
Range
PowerLogic
Product name
CT
Product or component type
Current transformer
Secondary current
5 A
Accuracy class
Class 1 1.25 VA
Class 3 1.5 VA
Line Rated Current
50 A
Complementary
Current transformer type
Tropicalised for cable
Current transformer ratio
50/5
[Ith] conventional free air thermal
current
3 kA
Dynamic withstand current
2.5 Ith
Maximum safety factor
5
[Ue] rated operational voltage
< 720 V AC 50/60 Hz
[Ui] rated insulation voltage
3 kV
Mounting mode
Clip-on
By screws
Mounting support
Mounting plate
DIN rail
Width
Outside 1.73 in (44 mm)
Height
Outside 2.56 in (65 mm)
Depth
Frame 1.18 in (30 mm)
Total 1.46 in (37 mm)
Diameter
0.83 in (21 mm)
Net weight
0.42 lb(US) (0.19 kg)
May 21, 2020
1


Similar Part No. - METSECT5CC005

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
METSECT5CC004 SCHNEIDER-METSECT5CC004 Datasheet
129Kb / 2P
current transformer tropicalised DIN mount 40 5 for cables d. 21
May 21, 2020
METSECT5CC006 SCHNEIDER-METSECT5CC006 Datasheet
129Kb / 2P
current transformer tropicalised DIN mount 60 5 for cables d. 21
May 21, 2020
METSECT5CC008 SCHNEIDER-METSECT5CC008 Datasheet
129Kb / 2P
current transformer tropicalised DIN mount 75 5 for cables d. 21
May 21, 2020
More results

Similar Description - METSECT5CC005

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
METSECT5CC004 SCHNEIDER-METSECT5CC004 Datasheet
129Kb / 2P
current transformer tropicalised DIN mount 40 5 for cables d. 21
May 21, 2020
METSECT5CC006 SCHNEIDER-METSECT5CC006 Datasheet
129Kb / 2P
current transformer tropicalised DIN mount 60 5 for cables d. 21
May 21, 2020
METSECT5CC008 SCHNEIDER-METSECT5CC008 Datasheet
129Kb / 2P
current transformer tropicalised DIN mount 75 5 for cables d. 21
May 21, 2020
METSECT5CC010 SCHNEIDER-METSECT5CC010 Datasheet
129Kb / 2P
current transformer tropicalised DIN mount 100 5 for cables d. 21
May 21, 2020
METSECT5CC013 SCHNEIDER-METSECT5CC013 Datasheet
129Kb / 2P
current transformer tropicalised DIN mount 125 5 for cables d. 21
May 21, 2020
METSECT5CC015 SCHNEIDER-METSECT5CC015 Datasheet
129Kb / 2P
current transformer tropicalised DIN mount 150 5 for cables d. 21
May 21, 2020
METSECT5CC020 SCHNEIDER-METSECT5CC020 Datasheet
129Kb / 2P
current transformer tropicalised DIN mount 200 5 for cables d. 21
May 21, 2020
METSECT5CC025 SCHNEIDER-METSECT5CC025 Datasheet
129Kb / 2P
current transformer tropicalised DIN mount 250 5 for cables d. 21
May 21, 2020
METSECT5MB025 SCHNEIDER-METSECT5MB025 Datasheet
100Kb / 2P
current transformer tropicalised DIN mount 250 5 cables d. 26 - bars 12x40 15x32
METSECT5MD060 SCHNEIDER-METSECT5MD060 Datasheet
98Kb / 2P
current transformer tropicalised DIN mount 600 5 cables d. 40 - bars 12x50 20x40
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com