Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

METSECT5DA060 Datasheet(PDF) 1 Page - Schneider Electric

Part # METSECT5DA060
Description  current transformer tropicalised 600 5 double output for bars 32x65
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

METSECT5DA060 Datasheet(HTML) 1 Page - Schneider Electric

  METSECT5DA060 Datasheet HTML 1Page - Schneider Electric METSECT5DA060 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
METSECT5DA060
current transformer tropicalised 600 5 double
output for bars 32x65
Product availability : Non-Stock - Not normally stocked in distribution facility
Price** : 1,380.00 USD
Main
Range
PowerLogic
Product name
CT
Product or component type
Current transformer
Secondary current
5 A
Accuracy class
Class 0.5 8 VA
Class 1 12 VA
Line Rated Current
600 A
Complementary
Current transformer type
Tropicalised for busbar
Current transformer ratio
600/5
[Ith] conventional free air thermal
current
36 kA
Dynamic withstand current
2.5 Ith
Maximum safety factor
5
[Ue] rated operational voltage
< 720 V AC 50/60 Hz
[Ui] rated insulation voltage
3 kV
Mounting mode
Insulated locking screw
Mounting support
Busbar
Width
Outside 3.54 in (90 mm)
Inner 2.56 in (65 mm)
Height
Outside 3.70 in (94 mm)
Inner 1.26 in (32 mm)
Depth
Frame 1.57 in (40 mm)
Total 3.43 in (87 mm)
Net weight
1.19 lb(US) (0.541 kg)
[Uimp] rated impulse withstand voltage
3 kV
May 21, 2020
1


Similar Part No. - METSECT5DA060

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
METSECT5DA040 SCHNEIDER-METSECT5DA040 Datasheet
111Kb / 2P
current transformer tropicalised 400 5 double output for bars 32x65
May 21, 2020
METSECT5DA050 SCHNEIDER-METSECT5DA050 Datasheet
111Kb / 2P
current transformer tropicalised 500 5 double output for bars 32x65
May 21, 2020
METSECT5DA080 SCHNEIDER-METSECT5DA080 Datasheet
111Kb / 2P
current transformer tropicalised 800 5 double output for bars 32x65
May 21, 2020
More results

Similar Description - METSECT5DA060

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
METSECT5DA040 SCHNEIDER-METSECT5DA040 Datasheet
111Kb / 2P
current transformer tropicalised 400 5 double output for bars 32x65
May 21, 2020
METSECT5DA050 SCHNEIDER-METSECT5DA050 Datasheet
111Kb / 2P
current transformer tropicalised 500 5 double output for bars 32x65
May 21, 2020
METSECT5DA080 SCHNEIDER-METSECT5DA080 Datasheet
111Kb / 2P
current transformer tropicalised 800 5 double output for bars 32x65
May 21, 2020
METSECT5DA100 SCHNEIDER-METSECT5DA100 Datasheet
111Kb / 2P
current transformer tropicalised 1000 5 double output for bars 32x65
May 21, 2020
METSECT5DA125 SCHNEIDER-METSECT5DA125 Datasheet
111Kb / 2P
current transformer tropicalised 1250 5 double output for bars 32x65
May 21, 2020
METSECT5DA150 SCHNEIDER-METSECT5DA150 Datasheet
111Kb / 2P
current transformer tropicalised 1500 5 double output for bars 32x65
May 21, 2020
METSECT5DB125 SCHNEIDER-METSECT5DB125 Datasheet
94Kb / 2P
current transformer tropicalised 1250 5 double output for bars 38x127
May 21, 2020
METSECT5DB300 SCHNEIDER-METSECT5DB300 Datasheet
94Kb / 2P
current transformer tropicalised 3000 5 double output for bars 38x127
May 21, 2020
METSECT5DC200 SCHNEIDER-METSECT5DC200 Datasheet
102Kb / 2P
current transformer tropicalised 2000 5 double output for bars 52x127
May 21, 2020
METSECT5DD100 SCHNEIDER-METSECT5DD100 Datasheet
112Kb / 2P
current transformer tropicalised 1000 5 double output for bars 34x84
May 21, 2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com