Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

METSECT5DB200 Datasheet(PDF) 1 Page - Schneider Electric

Part # METSECT5DB200
Description  current transformer tropicalised 2000 5 double output for bars 38x127
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

METSECT5DB200 Datasheet(HTML) 1 Page - Schneider Electric

  METSECT5DB200 Datasheet HTML 1Page - Schneider Electric METSECT5DB200 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
METSECT5DB200
current transformer tropicalised 2000 5 double
output for bars 38x127
Product availability : Non-Stock - Not normally stocked in distribution facility
Price** : 2,552.00 USD
Main
Range
PowerLogic
Product name
CT
Product or component type
Current transformer
Secondary current
5 A
Accuracy class
Class 0.5 15 VA
Class 1 20 VA
Line Rated Current
2000 A
Complementary
Current transformer type
Tropicalised for busbar
Current transformer ratio
2000/5
[Ith] conventional free air thermal
current
60 kA
Dynamic withstand current
2.5 Ith
Maximum safety factor
5
[Ue] rated operational voltage
< 720 V AC 50/60 Hz
[Ui] rated insulation voltage
3 kV
Mounting mode
Insulated locking screw
Mounting support
Busbar
Width
Inner 1.50 in (38 mm)
Outside 3.90 in (99 mm)
Height
Inner 5.00 in (127 mm)
Outside 6.30 in (160 mm)
Depth
Frame 1.57 in (40 mm)
Total 3.09 in (78.4 mm)
Net weight
2.01 lb(US) (0.91 kg)
[Uimp] rated impulse withstand voltage
3 kV
May 21, 2020
1


Similar Part No. - METSECT5DB200

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
METSECT5DB250 SCHNEIDER-METSECT5DB250 Datasheet
94Kb / 2P
current transformer tropicalised 2500 5 double output for bars 38x127
More results

Similar Description - METSECT5DB200

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
METSECT5DA050 SCHNEIDER-METSECT5DA050 Datasheet
111Kb / 2P
current transformer tropicalised 500 5 double output for bars 32x65
May 21, 2020
METSECT5DB100 SCHNEIDER-METSECT5DB100 Datasheet
94Kb / 2P
current transformer tropicalised 1000 5 double output for bars 38x127
May 21, 2020
METSECT5DB125 SCHNEIDER-METSECT5DB125 Datasheet
94Kb / 2P
current transformer tropicalised 1250 5 double output for bars 38x127
May 21, 2020
METSECT5DB150 SCHNEIDER-METSECT5DB150 Datasheet
94Kb / 2P
current transformer tropicalised 1500 5 double output for bars 38x127
May 21, 2020
METSECT5DB250 SCHNEIDER-METSECT5DB250 Datasheet
94Kb / 2P
current transformer tropicalised 2500 5 double output for bars 38x127
METSECT5DB300 SCHNEIDER-METSECT5DB300 Datasheet
94Kb / 2P
current transformer tropicalised 3000 5 double output for bars 38x127
May 21, 2020
METSECT5DC200 SCHNEIDER-METSECT5DC200 Datasheet
102Kb / 2P
current transformer tropicalised 2000 5 double output for bars 52x127
May 21, 2020
METSECT5DD100 SCHNEIDER-METSECT5DD100 Datasheet
112Kb / 2P
current transformer tropicalised 1000 5 double output for bars 34x84
May 21, 2020
METSECT5DE200 SCHNEIDER-METSECT5DE200 Datasheet
110Kb / 2P
current transformer tropicalised 2000 5 double output for bars 54x102
May 21, 2020
METSECT5DH200 SCHNEIDER-METSECT5DH200 Datasheet
95Kb / 2P
current transformer tropicalised 2000 5 double output for bars 38x102
May 21, 2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com