Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

METSECT5MA020 Datasheet(PDF) 1 Page - Schneider Electric

Part # METSECT5MA020
Description  current transformer tropicalised DIN mount 200 5 cables d. 27 - bars 10x32 15x25
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

METSECT5MA020 Datasheet(HTML) 1 Page - Schneider Electric

  METSECT5MA020 Datasheet HTML 1Page - Schneider Electric METSECT5MA020 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
METSECT5MA020
current transformer tropicalised DIN mount 200 5
cables d. 27 - bars 10x32 15x25
Product availability : Non-Stock - Not normally stocked in distribution facility
Price** : 1,372.00 USD
Main
Range
PowerLogic
Product name
CT
Product or component type
Current transformer
Secondary current
5 A
Accuracy class
Class 0.5 4 VA
Class 1 7 VA
Line Rated Current
200 A
Complementary
Current transformer type
Tropicalised for busbar and cable
Current transformer ratio
200/5
[Ith] conventional free air thermal
current
12 kA
Dynamic withstand current
2.5 Ith
Maximum safety factor
5
[Ue] rated operational voltage
< 720 V AC 50/60 Hz
[Ui] rated insulation voltage
3 kV
Mounting mode
Clip-on
By screws
Insulated locking screw
Mounting support
DIN rail
Busbar
Mounting plate
Width
Outside 2.20 in (56 mm)
Height
Outside 3.15 in (80 mm)
Depth
Frame 1.69 in (43 mm)
Total 2.48 in (63 mm)
Diameter
1.06 in (27 mm)
May 21, 2020
1


Similar Part No. - METSECT5MA020

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
METSECT5MA025 SCHNEIDER-METSECT5MA025 Datasheet
97Kb / 2P
current transformer tropicalised DIN mount 250 5 cables d. 27 - bars 10x32 15x25
May 21, 2020
More results

Similar Description - METSECT5MA020

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
METSECT5CC020 SCHNEIDER-METSECT5CC020 Datasheet
129Kb / 2P
current transformer tropicalised DIN mount 200 5 for cables d. 21
May 21, 2020
METSECT5MA015 SCHNEIDER-METSECT5MA015 Datasheet
97Kb / 2P
current transformer tropicalised DIN mount 150 5 cables d. 27 - bars 10x32 15x25
May 21, 2020
METSECT5MA025 SCHNEIDER-METSECT5MA025 Datasheet
97Kb / 2P
current transformer tropicalised DIN mount 250 5 cables d. 27 - bars 10x32 15x25
May 21, 2020
METSECT5MA030 SCHNEIDER-METSECT5MA030 Datasheet
97Kb / 2P
current transformer tropicalised DIN mount 300 5 cables d. 27 - bars 10x32 15x25
May 21, 2020
METSECT5MA040 SCHNEIDER-METSECT5MA040 Datasheet
97Kb / 2P
current transformer tropicalised DIN mount 400 5 cables d. 27 - bars 10x32 15x25
May 21, 2020
METSECT5MB025 SCHNEIDER-METSECT5MB025 Datasheet
100Kb / 2P
current transformer tropicalised DIN mount 250 5 cables d. 26 - bars 12x40 15x32
METSECT5MB030 SCHNEIDER-METSECT5MB030 Datasheet
100Kb / 2P
current transformer tropicalised DIN mount 300 5 cables d. 26 - bars 12x40 15x32
METSECT5MB040 SCHNEIDER-METSECT5MB040 Datasheet
100Kb / 2P
current transformer tropicalised DIN mount 400 5 cables d. 26 - bars 12x40 15x32
METSECT5MD050 SCHNEIDER-METSECT5MD050 Datasheet
98Kb / 2P
current transformer tropicalised DIN mount 500 5 cables d. 40 - bars 12x50 20x40
METSECT5MD060 SCHNEIDER-METSECT5MD060 Datasheet
98Kb / 2P
current transformer tropicalised DIN mount 600 5 cables d. 40 - bars 12x50 20x40
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com