Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

METSECT5MC080 Datasheet(PDF) 1 Page - Schneider Electric

Part # METSECT5MC080
Description  current transformer tropicalised DIN mount 800 5 for bars 10x40 20x32 25x25
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

METSECT5MC080 Datasheet(HTML) 1 Page - Schneider Electric

  METSECT5MC080 Datasheet HTML 1Page - Schneider Electric METSECT5MC080 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
METSECT5MC080
current transformer tropicalised DIN mount 800 5
for bars 10x40 20x32 25x25
Product availability : Non-Stock - Not normally stocked in distribution facility
Price** : 1,410.00 USD
Main
Range
PowerLogic
Product name
CT
Product or component type
Current transformer
Secondary current
5 A
Accuracy class
Class 0.5 10 VA
Class 1 12 VA
Line Rated Current
800 A
Complementary
Current transformer type
Tropicalised for busbar and cable
Current transformer ratio
800/5
[Ith] conventional free air thermal
current
48 kA
Dynamic withstand current
2.5 Ith
Maximum safety factor
5
[Ue] rated operational voltage
< 720 V AC 50/60 Hz
[Ui] rated insulation voltage
3 kV
Mounting mode
By screws
Insulated locking screw
Clip-on
Mounting support
Busbar
Mounting plate
DIN rail
Width
Outside 2.76 in (70 mm)
Inner 1.61 in (41 mm)
Height
Outside 3.74 in (95 mm)
Inner 1.61 in (41 mm)
Depth
Frame 1.77 in (45 mm)
May 21, 2020
1


Similar Part No. - METSECT5MC080

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
METSECT5MC025 SCHNEIDER-METSECT5MC025 Datasheet
98Kb / 2P
current transformer tropicalised DIN mount 250 5 for bars 10x40 20x32 25x25
METSECT5MC030 SCHNEIDER-METSECT5MC030 Datasheet
98Kb / 2P
current transformer tropicalised DIN mount 300 5 for bars 10x40 20x32 25x25
METSECT5MC040 SCHNEIDER-METSECT5MC040 Datasheet
98Kb / 2P
current transformer tropicalised DIN mount 400 5 for bars 10x40 20x32 25x25
METSECT5MC050 SCHNEIDER-METSECT5MC050 Datasheet
98Kb / 2P
current transformer tropicalised DIN mount 500 5 for bars 10x40 20x32 25x25
METSECT5MC060 SCHNEIDER-METSECT5MC060 Datasheet
98Kb / 2P
current transformer tropicalised DIN mount 600 5 for bars 10x40 20x32 25x25
More results

Similar Description - METSECT5MC080

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
METSECT5DA080 SCHNEIDER-METSECT5DA080 Datasheet
111Kb / 2P
current transformer tropicalised 800 5 double output for bars 32x65
May 21, 2020
METSECT5MB025 SCHNEIDER-METSECT5MB025 Datasheet
100Kb / 2P
current transformer tropicalised DIN mount 250 5 cables d. 26 - bars 12x40 15x32
METSECT5MC025 SCHNEIDER-METSECT5MC025 Datasheet
98Kb / 2P
current transformer tropicalised DIN mount 250 5 for bars 10x40 20x32 25x25
METSECT5MC030 SCHNEIDER-METSECT5MC030 Datasheet
98Kb / 2P
current transformer tropicalised DIN mount 300 5 for bars 10x40 20x32 25x25
METSECT5MC040 SCHNEIDER-METSECT5MC040 Datasheet
98Kb / 2P
current transformer tropicalised DIN mount 400 5 for bars 10x40 20x32 25x25
METSECT5MC050 SCHNEIDER-METSECT5MC050 Datasheet
98Kb / 2P
current transformer tropicalised DIN mount 500 5 for bars 10x40 20x32 25x25
METSECT5MC060 SCHNEIDER-METSECT5MC060 Datasheet
98Kb / 2P
current transformer tropicalised DIN mount 600 5 for bars 10x40 20x32 25x25
METSECT5MD080 SCHNEIDER-METSECT5MD080 Datasheet
98Kb / 2P
current transformer tropicalised DIN mount 800 5 cables d. 40 - bars 12x50 20x40
METSECT5VV500 SCHNEIDER-METSECT5VV500 Datasheet
106Kb / 2P
current transformer tropicalised 5000 5 for bars 55x165
METSECT5VV600 SCHNEIDER-METSECT5VV600 Datasheet
106Kb / 2P
current transformer tropicalised 6000 5 for bars 55x165
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com