Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AME7805 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AME7805
Description  1A Positive Linear Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AME7805 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AME7805 Datasheet HTML 3Page - List of Unclassifed Manufacturers AME7805 Datasheet HTML 4Page - List of Unclassifed Manufacturers AME7805 Datasheet HTML 5Page - List of Unclassifed Manufacturers AME7805 Datasheet HTML 6Page - List of Unclassifed Manufacturers AME7805 Datasheet HTML 7Page - List of Unclassifed Manufacturers AME7805 Datasheet HTML 8Page - List of Unclassifed Manufacturers AME7805 Datasheet HTML 9Page - List of Unclassifed Manufacturers AME7805 Datasheet HTML 10Page - List of Unclassifed Manufacturers AME7805 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AME, Inc.
7
AME78XX
1A Positive Linear Regulator
Parameter
Symbol
Min
Typ
Max
Units
4.9
5
5.1
* 4.8
* 5.2
Line Regulation
RegLINE
1
20
mV
Load Regulation
RegLOAD
10
35
mV
Quiescent Current
IQ
3.2
6.0
mA
0.3
* 0.8
0.08
* 0.5
Output Voltage Noise
eN
10
µV
Peak Output Current
IPK
2.2
A
Short Circuit Current
ISC
0.8
A
Average Temperature Coefficient
of Output Voltage
∆V
O / ∆ T
-0.3
mV /
oC
Minimum Value of Input Voltage
Required to Maintain Line Regul-
ation
VIN (MIN)
7
V
V
IO=5.0mA
VIN=10V
f=120Hz, 8.0V
≤ V
IN ≤ 15V
10Hz
≤ f ≤ 100kHz (Note2)
mA
7.5V
≤ V
IN ≤ 15V
5mA
≤ I
O ≤ 1A (Note1)
8.0V
≤ V
IN ≤ 15V, IO=1A
VIN=15V
Test Condition
Vo
5mA
≤ I
O ≤ 1A
8.0V
≤ V
IN ≤ 15V,
IO=500mA
IQ
Output voltage
5mA
≤ I
O ≤ 1A, VIN=10V
VIN=10V
Quiescent Current Change
IO=300mA
∆V
IN / ∆ VO
Ripple Rejection
63
73
dB
n Electrical Specifications-5V
Limits in standard typeface are for T
J=25
oC, Io=1A, CI=0.33uF, C
O=0.1uF, VI=10V, unless otherwise specified.
Note1: Power Dissipation
≤ 15W
Note2: Recommended minimum load capacitance of 0.01uF to limit high frequency noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com