Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1754559 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1754559
Description  MVSTBW 2,5/ 8-ST
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1754559 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1754559 Datasheet HTML 1Page - PHOENIX CONTACT 1754559 Datasheet HTML 2Page - PHOENIX CONTACT 1754559 Datasheet HTML 3Page - PHOENIX CONTACT 1754559 Datasheet HTML 4Page - PHOENIX CONTACT 1754559 Datasheet HTML 5Page - PHOENIX CONTACT 1754559 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 6
http://www.phoenixcon.com
Mar 10, 2010
Extract from the online
catalog
 
MVSTBW 2,5/ 8-ST
Order No.: 1792582
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1792582
 
 
Plug component, Nominal current: 12 A, Nom. voltage: 250 V, Pitch:
5 mm, Number of positions: 8, Connection type: Screw connection,
Color: green
 
Commercial data
EAN
4017918045012
Pack
50 pcs.
Customs tariff
85366990
Weight/Piece
0.01693 KG
Catalog page information
Page 203 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Height
17.7 mm
Pitch
5 mm
Dimension a
35 mm
Number of positions
8


Similar Part No. - 1754559

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1754559 PHOENIX-1754559 Datasheet
145Kb / 5P
MSTB 2,5/ 8-G
1754559 PHOENIX-1754559 Datasheet
142Kb / 6P
MSTB 2,5/ 8-ST
1754559 PHOENIX-1754559 Datasheet
170Kb / 6P
MVSTBR 2,5/ 8-ST
1754559 PHOENIX-1754559 Datasheet
104Kb / 4P
MSTB 2,5/ 8-ST BD: 1-8
More results

Similar Description - 1754559

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1792524 PHOENIX-1792524 Datasheet
151Kb / 6P
MVSTBW 2,5/ 2-ST
1792537 PHOENIX-1792537 Datasheet
152Kb / 6P
MVSTBW 2,5/ 3-ST
1792540 PHOENIX-1792540 Datasheet
151Kb / 6P
MVSTBW 2,5/ 4-ST
1792553 PHOENIX-1792553 Datasheet
150Kb / 6P
MVSTBW 2,5/ 5-ST
1792566 PHOENIX-1792566 Datasheet
151Kb / 6P
MVSTBW 2,5/ 6-ST
1792579 PHOENIX-1792579 Datasheet
151Kb / 6P
MVSTBW 2,5/ 7-ST
1792605 PHOENIX-1792605 Datasheet
151Kb / 6P
MVSTBW 2,5/10-ST
1792650 PHOENIX-1792650 Datasheet
150Kb / 6P
MVSTBW 2,5/15-ST
1792812 PHOENIX-1792812 Datasheet
156Kb / 7P
MVSTBW 2,5/ 8-ST-5,08
1738957 PHOENIX-1738957 Datasheet
74Kb / 5P
Plug - MVSTBW 2,5/ 8-ST-5,08 BK
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com