Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0803906 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803906
Description  PCV 4/ 2-G-7,62
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803906 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803906 Datasheet HTML 1Page - PHOENIX CONTACT 0803906 Datasheet HTML 2Page - PHOENIX CONTACT 0803906 Datasheet HTML 3Page - PHOENIX CONTACT 0803906 Datasheet HTML 4Page - PHOENIX CONTACT 0803906 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 5
http://www.phoenixcon.com
Mar 10, 2010
Extract from the online
catalog
 
PCV 4/ 2-G-7,62
Order No.: 1804687
The figure shows a 5-pos. version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1804687
 
 
Header, Nominal current: 20 A, Nom. voltage: 400 V, Pitch: 7.62 mm,
Number of positions: 2, Color: green, Assembly: Soldering
 
Commercial data
EAN
4017918046125
Pack
50 pcs.
Customs tariff
85366990
Weight/Piece
0.004256 KG
Catalog page information
Page 371 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Pitch
7.62 mm
Dimension a
7.62 mm
Number of positions
2
Pin dimensions
1 x 0,8 mm
Hole diameter
1.3 mm


Similar Part No. - 0803906

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803906 PHOENIX-0803906 Datasheet
50Kb / 2P
Marker cards - SK U/3,8 WH:UNBEDRUCKT
0803906 PHOENIX-0803906 Datasheet
147Kb / 6P
FRONT 2,5-H/SA 5
0803906 PHOENIX-0803906 Datasheet
179Kb / 6P
FRONT 4-H-7,62
0803906 PHOENIX-0803906 Datasheet
142Kb / 4P
MKDS 3/ 4 BK
0803906 PHOENIX-0803906 Datasheet
161Kb / 7P
MKDS 3/ 2
More results

Similar Description - 0803906

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1720592 PHOENIX-1720592 Datasheet
73Kb / 4P
Housing - PCV 5/ 4-G-7,62
1804726 PHOENIX-1804726 Datasheet
95Kb / 6P
Base strip - PCV 4/ 6-G-7,62
1804700 PHOENIX-1804700 Datasheet
143Kb / 5P
PCV 4/ 4-G-7,62
1804784 PHOENIX-1804784 Datasheet
95Kb / 6P
Base strip - PCV 4/12-G-7,62
1804690 PHOENIX-1804690 Datasheet
144Kb / 5P
PCV 4/ 3-G-7,62
1804771 PHOENIX-1804771 Datasheet
72Kb / 4P
Base strip - PCV 4/11-G-7,62
1192623 PHOENIX-1192623 Datasheet
443Kb / 10P
PCB header - PCV 6/ 2-G-7,62 P26THR
Jul 20, 2022
1804713 PHOENIX-1804713 Datasheet
417Kb / 11P
PCB header - PCV 4/ 5-G-7,62
Nov 30, 2022
1804742 PHOENIX-1804742 Datasheet
415Kb / 11P
PCB header - PCV 4/ 8-G-7,62
Dec 30, 2022
1804755 PHOENIX-1804755 Datasheet
415Kb / 11P
PCB header - PCV 4/ 9-G-7,62
Jan 4, 2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com