Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX10 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MPX10
Description  10 kPa Uncompensated Silicon Pressure Sensors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPX10 Datasheet(HTML) 4 Page - NXP Semiconductors

  MPX10 Datasheet HTML 1Page - NXP Semiconductors MPX10 Datasheet HTML 2Page - NXP Semiconductors MPX10 Datasheet HTML 3Page - NXP Semiconductors MPX10 Datasheet HTML 4Page - NXP Semiconductors MPX10 Datasheet HTML 5Page - NXP Semiconductors MPX10 Datasheet HTML 6Page - NXP Semiconductors MPX10 Datasheet HTML 7Page - NXP Semiconductors MPX10 Datasheet HTML 8Page - NXP Semiconductors MPX10 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MPX10
Sensors
4
Freescale Semiconductor
Pressure
Temperature Compensation
Figure 2 shows the typical output characteristics of the
MPX10 series over temperature.
Because this strain gauge is an integral part of the silicon
diaphragm, there are no temperature effects due to
differences in the thermal expansion of the strain gauge and
the diaphragm, as are often encountered in bonded strain
gauge pressure sensors. However, the properties of the
strain gauge itself are temperature dependent, requiring that
the device be temperature compensated if it is to be used
over an extensive temperature range.
Temperature compensation and offset calibration can be
achieved rather simply with additional resistive components,
or by designing your system using the MPX2010D series
sensor.
LINEARITY
Linearity refers to how well a transducer’s output follows
the equation: Vout = Voff + sensitivity x P over the operating
pressure range (Figure 3). There are two basic methods for
calculating nonlinearity: 1) end point straight line fit or 2) a
least squares best line fit. While a least squares fit gives the
“best case” linearity error (lower numerical value), the
calculations required are burdensome.
Conversely, an end point fit will give the “worst case” error
(often more desirable in error budget calculations) and the
calculations are more straightforward for the user.
Freescale’s specified pressure sensor linearities are based
on the end point straight line method measured at the
midrange pressure.
Figure 4 illustrates the differential or gauge configuration
in the basic chip carrier (Case 344). A silicone gel isolates the
die surface and wire bonds from the environment, while
allowing the pressure signal to be transmitted to the silicon
diaphragm.
The MPX10 series pressure sensor operating
characteristics and internal reliability and qualification tests
are based on use of dry air as the pressure media. Media
other than dry air may have adverse effects on sensor
performance and long term reliability. Contact the factory for
information regarding media compatibility in your
application.Refer to application note AN3728, for more
information regarding media compatibility.
Figure 2. Output vs. Pressure Differential
Figure 3. Linearity Specification Comparison
Figure 4. Unibody Package — Cross-Sectional Diagram
(Not to Scale)
Pressure Differential
80
70
60
50
40
30
20
10
0
0
0.3
2.0
0.6
4.0
0.9
6.0
1.2
8.0
10
1.5
PSI
kPa
Span
Range
(Typ)
Offset
(Typ)
MPX10
VS = 3 VDC
P1 > P2
-40°C
+25°C
+125°C
Linearity
Actual
Theoretical
Offset
(VOFF)
Max
POP
Pressure (kPa)
70
60
50
40
30
20
10
0
0
Span
(VFSS)
Silicone
Die Coat
Die
P1
P2
Wire Bond
Lead Frame
RTV Die
Bond
Epoxy
Case
Stainless Steel
Metal Cover



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com