Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMLQ25201B-R47MSR Datasheet(PDF) 1 Page - Cyntec Co., Ltd.

Part # HMLQ25201B-R47MSR
Description  Power Choke Coil HMLQ25201B MSR Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

HMLQ25201B-R47MSR Datasheet(HTML) 1 Page - Cyntec Co., Ltd.

  HMLQ25201B-R47MSR Datasheet HTML 1Page - Cyntec Co., Ltd. HMLQ25201B-R47MSR Datasheet HTML 2Page - Cyntec Co., Ltd. HMLQ25201B-R47MSR Datasheet HTML 3Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CYNTEC CO., LTD.
乾坤科技股份有限公司
Oct., 2019
DOCUMENT
: HMLQ25201B-000
REVISION
: A4
PAGE
: 1 OF 3
Power Choke Coil HMLQ25201B MSR Type
Features
High performance (Isat) realized by metal dust core.
Low profile:2.5mm x 2.0mm x 1.2mm
Low loss realized with low DCR
100% lead (Pb) free meet RoHS standard
Application
DC/DC converter for CPU in Notebook PC
Cellular phones, LCD displays, HDDs, DVCs, DSCs, PDAs etc..
Thin type on-board power supply module for exchanger
VRM for server
Outline Dimensions
L
W
P
T
Recommend Land Pattern Dimensions
The customer shall determine the land dimensions shown below after confirming and safety.
B
A
C
Code
Dimensions
L
2.5
 0.2
W
2.0
 0.2
T
1.2 Max.
P
0.6
 0.2
Unit : mm
A
2.0
B
1.2
C
2.8
Unit : mm


Similar Part No. - HMLQ25201B-R47MSR

ManufacturerPart #DatasheetDescription
logo
Cyntec Co., Ltd.
HMLQ25201T CYNTEC-HMLQ25201T Datasheet
223Kb / 3P
Power Choke Coil HMLQ25201T MSR Type
HMLQ25201T-000 CYNTEC-HMLQ25201T-000 Datasheet
223Kb / 3P
Power Choke Coil HMLQ25201T MSR Type
HMLQ25201T-1R0MSR CYNTEC-HMLQ25201T-1R0MSR Datasheet
223Kb / 3P
Power Choke Coil HMLQ25201T MSR Type
HMLQ25201T-2R2MSR CYNTEC-HMLQ25201T-2R2MSR Datasheet
223Kb / 3P
Power Choke Coil HMLQ25201T MSR Type
logo
Kinetic Technologies.
HMLQ25201T-2R2MSR KINETIC-HMLQ25201T-2R2MSR Datasheet
1Mb / 37P
High Efficiency 6-CH LED Backlight Driver with Dual LCD Bias Power
January 2022 - Revision 04b
More results

Similar Description - HMLQ25201B-R47MSR

ManufacturerPart #DatasheetDescription
logo
Cyntec Co., Ltd.
HTEH20120H-000 CYNTEC-HTEH20120H-000 Datasheet
206Kb / 3P
Power Choke Coil HTEH20120H MSR type
HTEH20121T-000 CYNTEC-HTEH20121T-000 Datasheet
66Kb / 3P
Power Choke Coil HTEH20121T MSR type
HTEH20160H-000 CYNTEC-HTEH20160H-000 Datasheet
191Kb / 3P
Power Choke Coil HTEH20160H MSR type
HTEH25200H-000 CYNTEC-HTEH25200H-000 Datasheet
190Kb / 3P
Power Choke Coil HTEH25200H MSR type
HTEK1608FE-000 CYNTEC-HTEK1608FE-000 Datasheet
70Kb / 3P
Power Choke Coil HTEK1608FE MSR type
HTEK12100F-000 CYNTEC-HTEK12100F-000 Datasheet
192Kb / 3P
Power Choke Coil HTEK12100F MSR type
HTEK32251B-000 CYNTEC-HTEK32251B-000 Datasheet
191Kb / 3P
Power Choke Coil HTEK32251B MSR type
HTEP20120H-000 CYNTEC-HTEP20120H-000 Datasheet
191Kb / 3P
Power Choke Coil HTEP20120H MSR type
HTEX25201T-000 CYNTEC-HTEX25201T-000 Datasheet
193Kb / 3P
Power Choke Coil HTEX25201T MSR type
HMLQ25201T-000 CYNTEC-HMLQ25201T-000 Datasheet
223Kb / 3P
Power Choke Coil HMLQ25201T MSR Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com