Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMLQ25201B-R68MSR Datasheet(PDF) 2 Page - Cyntec Co., Ltd.

Part # HMLQ25201B-R68MSR
Description  Power Choke Coil HMLQ25201B MSR Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

HMLQ25201B-R68MSR Datasheet(HTML) 2 Page - Cyntec Co., Ltd.

  HMLQ25201B-R68MSR Datasheet HTML 1Page - Cyntec Co., Ltd. HMLQ25201B-R68MSR Datasheet HTML 2Page - Cyntec Co., Ltd. HMLQ25201B-R68MSR Datasheet HTML 3Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CYNTEC CO., LTD.
乾坤科技股份有限公司
Oct., 2019
DOCUMENT
: HMLQ25201B-000
REVISION
: A4
PAGE
: 2 OF 3
Marking
The point on the top surface represents winding direction of choke.
Coil clockwise around
Upside of Chip
PIN 2
PIN 1
Specifications
Part Number
L0
Inductance
(
H )
@ (0A)
Rdc ( m)
Heat Rating Current
DC Amps. Idc ( A )
Saturation Current
DC Amps. Isat ( A )
Typical
Maximum
Typical
Maximum
Typical
Maximum
HMLQ25201B-R33MSR
0.33
14
17
6.40
5.70
7.50
6.80
HMLQ25201B-R47MSR
0.47
21
27
4.70
4.20
6.40
5.70
HMLQ25201B-R68MSR
0.68
27
32
4.40
4.00
5.20
4.60
HMLQ25201B-1R0MSR
1.0
34
41
4.00
3.60
4.50
4.00
HMLQ25201B-1R5MSR
1.5
56
68
3.20
2.80
3.90
3.50
HMLQ25201B-2R2MSR
2.2
70
84
2.70
2.40
3.35
2.85
HMLQ25201B-3R3MSR
3.3
120
144
1.75
1.55
2.25
1.95
* :If you require another part number please contact with us.
**:Inductance Tolerance
 20%
Note 1.: All test data is referenced to 25℃ ambient.
Note 2.: Test Condition:1MHz, 1.0Vrms
Note 3.:
△
Idc : DC current (A) that will cause an approximate
T of 40℃
Note 4.: Isat : DC current (A) that will cause L0 to drop approximately 30%
Note 5.: Operating Temperature Range -55℃ to + 125℃
Note 6.: The part temperature (ambient + temp rise) should not exceed 125℃ under the worst case operating
conditions. Circuit design , component placement, PCB trace size and thickness, airflow and other
cooling provision all affect the part temperature. Part temperature should be verified in the end
application.
Note 7.: The rated current as listed is either the saturation current or the heating current depending on which value
is lower.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com