Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTEB20120F Datasheet(PDF) 1 Page - Cyntec Co., Ltd.

Part # HTEB20120F
Description  Power Choke Coil HTEB20120F MDR type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

HTEB20120F Datasheet(HTML) 1 Page - Cyntec Co., Ltd.

  HTEB20120F Datasheet HTML 1Page - Cyntec Co., Ltd. HTEB20120F Datasheet HTML 2Page - Cyntec Co., Ltd. HTEB20120F Datasheet HTML 3Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CYNTEC CO., LTD.
乾坤科技股份有限公司
Oct., 2019
DOCUMENT
: HTEB20120F-000
REVISION
: A0
PAGE
: 1 OF 3
Power Choke Coil HTEB20120F MDR type
Features
High performance (Isat) realized by metal dust core.
Low profile:2.0mm x 1.25mm x 0.6mm
Low loss realized with low DCR
100% lead (Pb) free meet RoHS standard
Application
DC/DC converter for CPU in Notebook PC
Cellular phones, LCD displays, HDDs, DVCs, DSCs, PDAs etc..
Thin type on-board power supply module for exchanger
VRM for server
Outline Dimensions
W
T
L
G
Recommend Land Pattern Dimensions
The customer shall determine the land dimensions shown below after confirming and safety.
B
A
C
Code
Dimensions
L
2.0
 0.1
W
1.25
 0.10
T
0.6 Max.
G
0.8 Typ.
Unit : mm
A
1.25
B
0.70
C
2.00
Unit : mm


Similar Part No. - HTEB20120F

ManufacturerPart #DatasheetDescription
logo
Cyntec Co., Ltd.
HTEB16080F CYNTEC-HTEB16080F Datasheet
67Kb / 3P
Power Choke Coil HTEB16080F MSR type
HTEB16080F-000 CYNTEC-HTEB16080F-000 Datasheet
67Kb / 3P
Power Choke Coil HTEB16080F MSR type
HTEB16080F-1R0MSR CYNTEC-HTEB16080F-1R0MSR Datasheet
67Kb / 3P
Power Choke Coil HTEB16080F MSR type
HTEB16080F-1R5MSR CYNTEC-HTEB16080F-1R5MSR Datasheet
67Kb / 3P
Power Choke Coil HTEB16080F MSR type
More results

Similar Description - HTEB20120F

ManufacturerPart #DatasheetDescription
logo
Cyntec Co., Ltd.
CMLB063T-000 CYNTEC-CMLB063T-000 Datasheet
123Kb / 5P
Power Choke Coil CMLB063T type
CMLB136T-000 CYNTEC-CMLB136T-000 Datasheet
86Kb / 4P
Power Choke Coil CMLB136T type
HMLQ20160H-000 CYNTEC-HMLQ20160H-000 Datasheet
193Kb / 3P
Power Choke Coil HMLQ20160H MDR type
HMLQ20161B-000 CYNTEC-HMLQ20161B-000 Datasheet
71Kb / 3P
Power Choke Coil HMLQ20161B MDR type
HTEG2016FE-000 CYNTEC-HTEG2016FE-000 Datasheet
191Kb / 3P
Power Choke Coil HTEG2016FE MDR type
HTEG20120G-000 CYNTEC-HTEG20120G-000 Datasheet
189Kb / 3P
Power Choke Coil HTEG20120G MDR type
HTEG20160H-000 CYNTEC-HTEG20160H-000 Datasheet
190Kb / 3P
Power Choke Coil HTEG20160H MDR type
HTEX20161T-000 CYNTEC-HTEX20161T-000 Datasheet
193Kb / 3P
Power Choke Coil HTEX20161T MDR type
HMLQ20161T-000 CYNTEC-HMLQ20161T-000 Datasheet
228Kb / 3P
Power Choke Coil HMLQ20161T MDR type
HTEG2012FE-000 CYNTEC-HTEG2012FE-000 Datasheet
190Kb / 3P
Power Choke Coil HTEG2012FE MDR type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com