Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX53GP Datasheet(PDF) 11 Page - NXP Semiconductors

Part # MPX53GP
Description  MPX53, 0 to 50 kPa, Differential and Gauge, Uncompensated, Silicon Pressure Sensors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPX53GP Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button MPX53GP Datasheet HTML 4Page - NXP Semiconductors MPX53GP Datasheet HTML 5Page - NXP Semiconductors MPX53GP Datasheet HTML 6Page - NXP Semiconductors MPX53GP Datasheet HTML 7Page - NXP Semiconductors MPX53GP Datasheet HTML 8Page - NXP Semiconductors MPX53GP Datasheet HTML 9Page - NXP Semiconductors MPX53GP Datasheet HTML 10Page - NXP Semiconductors MPX53GP Datasheet HTML 11Page - NXP Semiconductors MPX53GP Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MPX53
Sensors
Freescale Semiconductor, Inc.
11
4
Revision History
Table 4. Revision history
Revision
number
Revision
date
Description
7.1
06/2015
• Updated format.
• Removed obsolute MPXV53GC7U option and package drawing.
• Updated package outline drawings with current versions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com