Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSP296 Datasheet(PDF) 4 Page - VBsemi Electronics Co.,Ltd

Part # BSP296
Description  N-Channel 100-V (D-S) MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

BSP296 Datasheet(HTML) 4 Page - VBsemi Electronics Co.,Ltd

  BSP296 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd BSP296 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd BSP296 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd BSP296 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd BSP296 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd BSP296 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Threshold Voltage
- 1.2
- 0.8
- 0.4
0.0
0.4
0.8
- 50
- 25
0
25
50
75
100
125
150
175
ID = 250 µA
TJ - Temperature (°C)
Single Pulse Power
0.01
0
1
50
20
30
10
1000
0.1
Time (s)
10
40
100
Normalized Thermal Transient Impedance, Junction-to-Ambient
10-3
10 -2
110
600
10-1
10-4
100
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 75 °C/W
3. TJM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
Normalized Thermal Transient Impedance, Junction-to-Foot
10-3
10-2
110
10-1
10-4
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
BSP296
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com