Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QTLP651C-R Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # QTLP651C-R
Description  SURFACE MOUNT LED LAMP SUPER BRIGHT 1206 (Inner Lens)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QTLP651C-R Datasheet(HTML) 1 Page - Fairchild Semiconductor

  QTLP651C-R Datasheet HTML 1Page - Fairchild Semiconductor QTLP651C-R Datasheet HTML 2Page - Fairchild Semiconductor QTLP651C-R Datasheet HTML 3Page - Fairchild Semiconductor QTLP651C-R Datasheet HTML 4Page - Fairchild Semiconductor QTLP651C-R Datasheet HTML 5Page - Fairchild Semiconductor QTLP651C-R Datasheet HTML 6Page - Fairchild Semiconductor QTLP651C-R Datasheet HTML 7Page - Fairchild Semiconductor QTLP651C-R Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
0.024 (0.6)
0.035 (0.9)
0.067 (1.7)
0.051 (1.3)
Ø0.035 (0.9)
Ø0.020 (0.5)
0.126 (3.2)
0.110 (2.8)
0.079 (2.0)
0.070 (1.8)
0.063 (1.6)
10°
0.043 (1.1)
+
-
0.051 (1.3)
CATHODE
POLARITY
BOTTOM
SIDE
TOP
PACKAGE DIMENSIONS
FEATURES
• Small footprint - 3.0(L) X 1.5(W) X 1.5(H) mm
• Water clear optics
• AllnGaP technology for -R, -E, -O, -Y and -AG
• Moisture-proof packaging
• InGaN/SiC technology for -IG and -IB
• Available in 0.315” (8mm) width tape on 7” (178mm)
• Narrow viewing angle of 20°
diameter reel; 2,000 units per reel
SURFACE MOUNT LED LAMP
SUPER BRIGHT 1206 (Inner Lens)
QTLP651C-R Red
QTLP651C-E Orange
QTLP651C-O Yellow-Orange
QTLP651C-Y Yellow
QTLP651C-AG Yellow-Green
QTLP651C-IG True Green
QTLP651C-IB Blue
NOTE:
Dimensions for all drawings are in inches (mm).
DESCRIPTION
These surface mount chip LEDs are designed to fit industry standard footprint. The package features a recessed, inner lens that
focuses the light output, offering greater luminous intensity for direct viewing.
APPLICATIONS
• Keypad backlighting
• Push-button backlighting
• LCD backlighting
 2001 Fairchild Semiconductor Corporation
DS300102
8/30/01
1 OF 8
www.fairchildsemi.com


Similar Part No. - QTLP651C-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP651C-R FAIRCHILD-QTLP651C-R Datasheet
195Kb / 8P
SURFACE MOUNT LED LAMP
More results

Similar Description - QTLP651C-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP650C FAIRCHILD-QTLP650C Datasheet
401Kb / 7P
SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206
QTLP651C FAIRCHILD-QTLP651C Datasheet
402Kb / 7P
SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206 Inner Lens
QTLP653C FAIRCHILD-QTLP653C Datasheet
354Kb / 7P
SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206 (Reverse Mount with Inner Lens)
QTLP660C FAIRCHILD-QTLP660C Datasheet
158Kb / 8P
SURFACE MOUNT LED LAMP SUPER BRIGHT 1.8 mm (Dome Lens)
QTLP652C-R FAIRCHILD-QTLP652C-R Datasheet
125Kb / 8P
SURFACE MOUNT LED LAMP SUPER BRIGHT 1206 (Reverse Mount)
QTLP650C-Y FAIRCHILD-QTLP650C-Y Datasheet
160Kb / 8P
SURFACE MOUNT LED LAMP SUPER BRIGHT 1206
QTLP650C-2 FAIRCHILD-QTLP650C-2 Datasheet
403Kb / 7P
SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206
QTLP650D2TR FAIRCHILD-QTLP650D2TR Datasheet
407Kb / 7P
SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206
QTLP650CBTR FAIRCHILD-QTLP650CBTR Datasheet
407Kb / 7P
SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206
QTLP653C7TR FAIRCHILD-QTLP653C7TR Datasheet
360Kb / 7P
SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206 (Reverse Mount with Inner Lens)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com