Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1758021 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1758021
Description  ICV 2,5/ 3-G-5,08
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1758021 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1758021 Datasheet HTML 1Page - PHOENIX CONTACT 1758021 Datasheet HTML 2Page - PHOENIX CONTACT 1758021 Datasheet HTML 3Page - PHOENIX CONTACT 1758021 Datasheet HTML 4Page - PHOENIX CONTACT 1758021 Datasheet HTML 5Page - PHOENIX CONTACT 1758021 Datasheet HTML 6Page - PHOENIX CONTACT 1758021 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ICV 2,5/ 3-G-5,08 Order No.: 1785955
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1785955
PHOENIX CONTACT Deutschland GmbH
Page 4 / 7
http://www.phoenixcontact.de
Feb 4, 2011
1762075
MDSTB 2,5/ 3-G-5,08
Header, Nominal current: 10 A, Rated voltage (III/2): 320 V,
Number of positions: 3, Pitch: 5.08 mm, Color: green, Metal
surface: Sn, Assembly: Soldering, Can be aligned! Mounting
flange: Order no. 1736771, 1736768. In combination with MVSTB
or FKCV plugs, both an MVSTBW (or FKCVW) and an MVSTBR
plug (or FKCVR) must be used. Combination with TMSTBP plugs
is not possible!
1762376
MDSTB 2,5/ 3-G1-5,08
Header, Nominal current: 10 A, Rated voltage (III/2): 320 V,
Number of positions: 3, Pitch: 5.08 mm, Color: green, Metal
surface: Sn, Assembly: Soldering, In combination with MVSTB
or FKCV plug components, both an MVSTBW (or FKCVW) and
an MVSTBR plug (or FKCVR) must be used. Combination with
TMSTBP plug components is not possible!
1842076
MDSTBA 2,5/ 3-G-5,08
Header, Nominal current: 10 A, Rated voltage (III/2): 320 V,
Number of positions: 3, Pitch: 5.08 mm, Color: green, Metal
surface: Sn, Assembly: Soldering, The article can be aligned to
create different nos. of positions! In combination with MVSTB
or FKCV plug components, both an MVSTBW (or FKCVW) and
an MVSTBR plug (or FKCVR) must be used. Combination with
TMSTBP plug components is not possible!
1763087
MDSTBV 2,5/ 3-G-5,08
Header, Nominal current: 10 A, Rated voltage (III/2): 320 V,
Number of positions: 3, Pitch: 5.08 mm, Color: green, Metal
surface: Sn, Assembly: Soldering, Can be aligned! Mounting
flange: Order No. 1836477, 1836480. In combination with MVSTB
or FKCV plug components, both an MVSTBW (or FKCVW) and
an MVSTBR plug (or FKCVR) must be used. Combination with
TMSTBP plug components is not possible!
1736742
MDSTBV 2,5/ 3-G1-5,08
Header, Nominal current: 10 A, Rated voltage (III/2): 320 V,
Number of positions: 3, Pitch: 5.08 mm, Color: green, Metal
surface: Sn, Assembly: Soldering, In combination with MVSTB
or FKCV plug components, both an MVSTBW (or FKCVW) and
an MVSTBR plug (or FKCVR) must be used. Combination with
TMSTBP plug components is not possible!
1845345
MDSTBVA 2,5/ 3-G-5,08
Header, Nominal current: 10 A, Rated voltage (III/2): 320 V,
Number of positions: 3, Pitch: 5.08 mm, Color: green, Metal
surface: Sn, Assembly: Soldering, The article can be aligned to
create different nos. of positions! In combination with MVSTB
or FKCV plug components, both an MVSTBW (or FKCVW) and
an MVSTBR plug (or FKCVR) must be used. Combination with
TMSTBP plug components is not possible!
1802414
MDSTBW 2,5/ 3-G-5,08
Header, Nominal current: 10 A, Rated voltage (III/2): 320 V,
Number of positions: 3, Pitch: 5.08 mm, Color: green, Metal
surface: Sn, Assembly: Soldering, The article can be aligned to
create different nos. of positions! In combination with MVSTB
or FKCV plug components, both an MVSTBW (or FKCVW) and
an MVSTBR plug (or FKCVR) must be used. Combination with
TMSTBP plug components is not possible!
1759020
MSTB 2,5/ 3-G-5,08
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 3, Pitch: 5.08 mm, Color: green, Metal
surface: Sn, Assembly: Soldering



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com