Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX4100AS Datasheet(PDF) 10 Page - NXP Semiconductors

Part # MPX4100AS
Description   Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal Conditioned, Temperature Compensated and Calibrated
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPX4100AS Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button MPX4100AS Datasheet HTML 5Page - NXP Semiconductors MPX4100AS Datasheet HTML 6Page - NXP Semiconductors MPX4100AS Datasheet HTML 7Page - NXP Semiconductors MPX4100AS Datasheet HTML 8Page - NXP Semiconductors MPX4100AS Datasheet HTML 9Page - NXP Semiconductors MPX4100AS Datasheet HTML 10Page - NXP Semiconductors MPX4100AS Datasheet HTML 11Page - NXP Semiconductors MPX4100AS Datasheet HTML 12Page - NXP Semiconductors MPX4100AS Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
MPX4100A
Sensors
10
Freescale Semiconductor
Pressure
PACKAGE DIMENSIONS
NOTES:
1.
2.
DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
CONTROLLING DIMENSION: INCH.
INCHES
0.100 BSC
MILLIMETERS
2.54 BSC
DIM
A
B
C
D
E
F
G
J
K
N
S
V
MIN
0.690
0.245
0.780
0.027
0.178
0.048
0.014
0.345
0.300
0.220
0.182
MAX
0.255
0.820
0.033
0.186
0.064
0.016
0.375
0.310
0.240
0.720
0.194
MIN
17.53
6.22
19.81
0.69
4.52
1.22
0.36
8.76
7.62
5.59
4.62
MAX
18.28
6.48
20.82
0.84
4.72
1.63
0.41
9.53
7.87
6.10
4.93
STYLE 1:
PIN 1. VOUT
2. GROUND
3. VCC
4. V1
5. V2
6. VEX
A
65
4
3
2
1
C
K
N
E
-B-
PORT #1
POSITIVE
PRESSURE
(P1)
J
-T-
S
G
F
D 6 PL
PIN 1
M
B
M
0.13 (0.005)
T
V
CASE 867E-O3
ISSUE D
STOVE PIPE PORT (AS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com