Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSML2512S1-R020 Datasheet(PDF) 3 Page - Cyntec Co., Ltd.

Part # VSML2512S1-R020
Description  VSML2512S1 Series, Current Sensor Resistor (Lead / Halogen Free)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

VSML2512S1-R020 Datasheet(HTML) 3 Page - Cyntec Co., Ltd.

  VSML2512S1-R020 Datasheet HTML 1Page - Cyntec Co., Ltd. VSML2512S1-R020 Datasheet HTML 2Page - Cyntec Co., Ltd. VSML2512S1-R020 Datasheet HTML 3Page - Cyntec Co., Ltd. VSML2512S1-R020 Datasheet HTML 4Page - Cyntec Co., Ltd. VSML2512S1-R020 Datasheet HTML 5Page - Cyntec Co., Ltd. VSML2512S1-R020 Datasheet HTML 6Page - Cyntec Co., Ltd. VSML2512S1-R020 Datasheet HTML 7Page - Cyntec Co., Ltd. VSML2512S1-R020 Datasheet HTML 8Page - Cyntec Co., Ltd. VSML2512S1-R020 Datasheet HTML 9Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DOCUMENT : CYNP-199-014
Page : 3
REVISION
: A2
Current Sensor Resistor
Type Designation :
V S M L
2512
S
1
ー
□ □ □ □
□
(1)
(2)
(3)
(4)
(5)
(6)
P/N list :
P/N
R value
TCR
Power Rating
Tolerance
(mΩ)
(ppm/K)
(W)
1%
2%
5%
VSML2512S1-0M30*
0.3
±125
1
VSML2512S1-0M50*
0.5
±100
1
VSML2512S1-0M75*
0.75
±100
1
VSML2512S1-0M80*
0.8
±100
1
VSML2512S1-R001*
1.0
±75
1
VSML2512S1-R002*
2.0
±75
1
VSML2512S1-R003*
3.0
±75
1
VSML2512S1-R004*
4.0
±75
1
VSML2512S1-R005*
5.0
±50
1
VSML2512S1-R006*
6.0
±50
1
VSML2512S1-R007*
7.0
±50
1
VSML2512S1-R008*
8.0
±50
1
VSML2512S1-R009*
9.0
±50
1
VSML2512S1-R010*
10.0
±50
1
VSML2512S1-R015*
15.0
±50
1
VSML2512S1-R020*
20.0
±50
1
* Note : Other values and tolerance would be available, please contact Cyntec.
Note :
(1) Series No.
(2) Size
(3) Terminal Type : S = Short terminal
(4) Power Rating : 1 = 1W
(5) Resistance value : R003 = 0.003, 0M50 = 0.0005
(6) Tolerance : F = ±1%, G = ±2%, J = ±5%



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com