Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1758021 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 1758021
Description  MSTBT 2,5/ 3-ST-5,08
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1758021 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  1758021 Datasheet HTML 1Page - PHOENIX CONTACT 1758021 Datasheet HTML 2Page - PHOENIX CONTACT 1758021 Datasheet HTML 3Page - PHOENIX CONTACT 1758021 Datasheet HTML 4Page - PHOENIX CONTACT 1758021 Datasheet HTML 5Page - PHOENIX CONTACT 1758021 Datasheet HTML 6Page - PHOENIX CONTACT 1758021 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MSTBT 2,5/ 3-ST-5,08 Order No.: 1779990
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1779990
PHOENIX CONTACT Deutschland GmbH
Page 5 / 7
http://www.phoenixcontact.de
Mar 4, 2010
1786187
IC 2,5/ 3-ST-5,08
Plug component, Nominal current: 12 A, Nom. voltage: 250 V,
Pitch: 5.08 mm, Number of positions: 3, Connection type: Screw
connection, Color: green
1823859
ICC 2,5/ 3-STZ-5,08
Plug component, Nominal current: 12 A, Nom. voltage: 250 V,
Pitch: 5.08 mm, Number of positions: 3, Connection type: Crimp
connection, Color: green
1762075
MDSTB 2,5/ 3-G-5,08
Header, Nominal current: 10 A, Nom. voltage: 250 V, Pitch: 5.08
mm, Number of positions: 3, Color: green, Assembly: Soldering
1762376
MDSTB 2,5/ 3-G1-5,08
Header, Nominal current: 10 A, Nom. voltage: 250 V, Pitch: 5.08
mm, Number of positions: 3, Color: green, Assembly: Soldering
1842076
MDSTBA 2,5/ 3-G-5,08
Header, Nominal current: 10 A, Nom. voltage: 250 V, Pitch: 5.08
mm, Number of positions: 3, Color: green, Assembly: Soldering
1763087
MDSTBV 2,5/ 3-G-5,08
Header, Nominal current: 10 A, Nom. voltage: 250 V, Pitch: 5.08
mm, Number of positions: 3, Color: green, Assembly: Soldering
1736742
MDSTBV 2,5/ 3-G1-5,08
Header, Nominal current: 10 A, Nom. voltage: 250 V, Pitch: 5.08
mm, Number of positions: 3, Color: green, Assembly: Soldering
1845345
MDSTBVA 2,5/ 3-G-5,08
Header, Nominal current: 10 A, Nom. voltage: 250 V, Pitch: 5.08
mm, Number of positions: 3, Color: green, Assembly: Soldering
1802414
MDSTBW 2,5/ 3-G-5,08
Header, Nominal current: 10 A, Nom. voltage: 250 V, Pitch: 5.08
mm, Number of positions: 3, Color: green, Assembly: Soldering
1759020
MSTB 2,5/ 3-G-5,08
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5.08
mm, Number of positions: 3, Color: green, Assembly: Soldering
1770724
MSTB 2,5/ 3-G-5,08-LA
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5.08
mm, Number of positions: 3, Assembly: Soldering
1757255
MSTBA 2,5/ 3-G-5,08
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5.08
mm, Number of positions: 3, Color: green, Assembly: Soldering
1902754
MSTBA 2,5/ 3-G-5,08 THT
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5.08
mm, Number of positions: 3, Color: black, Assembly: SMD/THT/
THR
1770957
MSTBA 2,5/ 3-G-5,08-LA
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5.08
mm, Number of positions: 3, Assembly: Soldering
1847110
MSTBO 2,5/ 3-GR-5,08
Header, Nominal current: 8 A, Nom. voltage: 250 V, Pitch: 5.08
mm, Number of positions: 3, Color: green, Assembly: Soldering
1758021
MSTBV 2,5/ 3-G-5,08
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5.08
mm, Number of positions: 3, Color: green, Assembly: Soldering
1755749
MSTBVA 2,5/ 3-G-5,08
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5.08
mm, Number of positions: 3, Color: green, Assembly: Soldering
1902822
MSTBVA 2,5/ 3-G-5,08 THT
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5.08
mm, Number of positions: 3, Color: black, Assembly: SMD/THT/
THR
1735879
MSTBW 2,5/ 3-G-5,08
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5.08
mm, Number of positions: 3, Color: green, Assembly: Soldering
1769476
SMSTB 2,5/ 3-G-5,08
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5.08
mm, Number of positions: 3, Color: green, Assembly: Soldering



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com