Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPBC0-3 Datasheet(PDF) 6 Page - Littelfuse

Part # LPBC0-3
Description  POWR-BLOKS Distribution/Splicer Blocks and Covers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LPBC0-3 Datasheet(HTML) 6 Page - Littelfuse

  LPBC0-3 Datasheet HTML 1Page - Littelfuse LPBC0-3 Datasheet HTML 2Page - Littelfuse LPBC0-3 Datasheet HTML 3Page - Littelfuse LPBC0-3 Datasheet HTML 4Page - Littelfuse LPBC0-3 Datasheet HTML 5Page - Littelfuse LPBC0-3 Datasheet HTML 6Page - Littelfuse LPBC0-3 Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
139
2.61"
[66.2]
1.94"
[49.3]
.97"
[25]
1.17"
[29.7]
.31"
[7.9]
.31"
[7.9]
4.00"
[102]
3.38"
(85.7)
1.17"
[29.7]
.97"
(25)
3.47"
[88.1]
1.53"
[38.9]
4.00"
[102]
3.38"
(85.7)
4.00"
[101.6]
3.38"
[85.7]
.97"
[25]
5.00"
[127.0]
.31"
[7.9]
1.17"
[29.7]
1 POLE
2 POLE
3 POLE
1.53"
[38.9]
POWR-BLOKS™
Distribution/Splicer Blocks and Covers
LX3XXX
Figure 5
LX2XXX-DIN
Figure 4
2.42
[61.5]
1 POLE
2 POLE
3 POLE
ADDER



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com