Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPBC4-2 Datasheet(PDF) 7 Page - Littelfuse

Part # LPBC4-2
Description  POWR-BLOKS Distribution/Splicer Blocks and Covers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LPBC4-2 Datasheet(HTML) 7 Page - Littelfuse

  LPBC4-2 Datasheet HTML 1Page - Littelfuse LPBC4-2 Datasheet HTML 2Page - Littelfuse LPBC4-2 Datasheet HTML 3Page - Littelfuse LPBC4-2 Datasheet HTML 4Page - Littelfuse LPBC4-2 Datasheet HTML 5Page - Littelfuse LPBC4-2 Datasheet HTML 6Page - Littelfuse LPBC4-2 Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
140
POWR-BLOKS™
Distribution/Splicer Blocks and Covers
.31"
[7.9]
.31"
[7.9]
.31"
[7.9]
2.28"
[57.9]
1.14"
[29.0
]
4.75"
[121]
4.13"
[105]
1.14"
[29.0]
1.88"
[47.8]
4.16"
[106]
4.13"
[105]
4.75"
[121]
2.92
(74.0)
1.88"
[47.8]
6.04"
[153]
1.88"
[47.8]
1.14"
[29.0]
4.13"
[105]
4.75"
[121]
1 POLE
2 POLE
3 POLE
3.12"
[79.2]
.37"
(9.5)
.37"
[9.5]
.37"
[9.5]
5.50"
[140]
4.75"
[121]
1.58"
[40.2]
3.17"
[80.4]
4.75"
[121]
5.50"
[140]
1.58"
[40.2]
2.69"
[68.2]
5.88"
[149]
4.75"
[121]
5.50"
[140]
2.30"
[58.5]
8.54"
[217]
2.69"
[68.2]
1.58"
[40.2]
1 POLE
2 POLE
3 POLE
LX4XXX
LX5XXX
Figure 7
Figure 6



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com