Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2202D Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MPXM2202D
Description  200 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPXM2202D Datasheet(HTML) 1 Page - NXP Semiconductors

  MPXM2202D Datasheet HTML 1Page - NXP Semiconductors MPXM2202D Datasheet HTML 2Page - NXP Semiconductors MPXM2202D Datasheet HTML 3Page - NXP Semiconductors MPXM2202D Datasheet HTML 4Page - NXP Semiconductors MPXM2202D Datasheet HTML 5Page - NXP Semiconductors MPXM2202D Datasheet HTML 6Page - NXP Semiconductors MPXM2202D Datasheet HTML 7Page - NXP Semiconductors MPXM2202D Datasheet HTML 8Page - NXP Semiconductors MPXM2202D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Document Number: MPX2202
Rev 8, 10/2012
Freescale Semiconductor
Data Sheet: Technical Data
© 2005-2008, 2012 Freescale Semiconductor, Inc. All rights reserved.
Pressure
200 kPa On-Chip Temperature
Compensated Silicon
Pressure Sensors
The MPX2202 devices series are silicon piezoresistive pressure sensor
providing a highly accurate and linear voltage output directly proportional to
the applied pressure. The sensor is a single monolithic silicon diaphragm with
the strain gauge and a thin-film resistor network integrated on chip. The chip
is laser trimmed for precise span and offset calibration and temperature
compensation. They are designed for use in applications such as pump/
motor controllers, robotics, level indicators, medical diagnostics, pressure
switching, barometers, altimeters, etc.
Features
• Temperature Compensated Over 0
C to +85C
• Easy-to-Use Chip Carrier Package Options
• Available in Absolute, Differential and Gauge Configurations
• Ratiometric to Supply Voltage
• Available in Easy-to-Use Tape and Reel
ORDERING INFORMATION
Device Name
Case
No.
# of Ports
Pressure Type
Device Marking
None
Single
Dual
Gauge
Differential
Absolute
Unibody Package (MPX2202 Series)
MPX2202A
344
•
•
MPX2202A
MPX2202DP
344C
•
•
MPX2202DP
MPX2202AP
344B
•
•
MPX2202AP
MPX2202GP
344B
•
•
MPX2202GP
MPX2202ASX
344F
•
•
MPX2202A
Small Outline Package (MPXV2202 Series)
MPXV2202GP
1369
•
•
MPXV2202GP
MPXV2202DP
1351
•
•
MPXV2202DP
MPXV2202GC6TI
482A
•
•
MPXV2202G
MPAK Package (MPXM2202 Series)
MPXM2202D
1320
•
•
MPXM2202D
MPXM2202DT1
1320
•
•
MPXM2202D
MPXM2202A
1320
•
•
MPXM2202A
MPXM2202GS
1320A
•
•
MPXM2202GS
MPXM2202GST1
1320A
•
•
MPXM2202GS
MPXM2202AS
1320A
•
•
MPXM2202AS
MPX2202
Series
0 to 200 kPa (0 to 29 psi)
40 mV Full Scale
(Typical)
Application Examples
•
Pump/Motor Controllers
•
Robotics
•
Level Indicators
•
Medical Diagnostics
•
Pressure Switching
•
Barometers
•
Altimeters


Similar Part No. - MPXM2202D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXM2202D MOTOROLA-MPXM2202D Datasheet
245Kb / 8P
200 KPA ON CHIP TEMPERATURE COMPENSATED & CALIBRATED SILICON PRESSURE SENSORS
MPXM2202D MOTOROLA-MPXM2202D Datasheet
6Mb / 670P
Sensor
logo
Freescale Semiconductor...
MPXM2202D FREESCALE-MPXM2202D Datasheet
265Kb / 9P
200 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPXM2202D FREESCALE-MPXM2202D Datasheet
356Kb / 18P
200 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
MPXM2202D FREESCALE-MPXM2202D Datasheet
342Kb / 19P
200 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
More results

Similar Description - MPXM2202D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXM2202 MOTOROLA-MPXM2202 Datasheet
245Kb / 8P
200 KPA ON CHIP TEMPERATURE COMPENSATED & CALIBRATED SILICON PRESSURE SENSORS
MPX2202 MOTOROLA-MPX2202 Datasheet
319Kb / 12P
200 kPa On-Chip Temperature Compensated & Calibrated Pressure Sensors
logo
Freescale Semiconductor...
MPMZ2202 FREESCALE-MPMZ2202 Datasheet
108Kb / 7P
200 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPVZ2202 FREESCALE-MPVZ2202 Datasheet
98Kb / 7P
200 kPa On-Chip Temperature Compensated & Calibrated Pressure Sensors
MPXM2202 FREESCALE-MPXM2202 Datasheet
265Kb / 9P
200 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPX2200 FREESCALE-MPX2200_08 Datasheet
118Kb / 8P
200 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
MPX2202 FREESCALE-MPX2202_08 Datasheet
356Kb / 18P
200 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
MPX2102 FREESCALE-MPX2102_12 Datasheet
302Kb / 17P
100 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
MPX2202 FREESCALE-MPX2202_12 Datasheet
342Kb / 19P
200 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
logo
NXP Semiconductors
MPX2200 NXP-MPX2200 Datasheet
154Kb / 8P
200 kPa On-Chip Temperature Compensated Silicon Pressure Sensors
Rev 13, 10/2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com