Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSOU Datasheet(PDF) 1 Page - Littelfuse

Part # LSOU
Description  Box Cover Units
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LSOU Datasheet(HTML) 1 Page - Littelfuse

  LSOU Datasheet HTML 1Page - Littelfuse LSOU Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
152
Fig.
Littelfuse
Box Cover Features
To Be
No.
Part No.
Mounted On:
LSOU
One Edison-Base Fuse Holder
21⁄4" Handy Box
1
LSOW
One Edison-Base Fuse Holder
23⁄4" Switch Box
LSOX
One Edison-Base Fuse Holder
4" Octagon Box
LSOY
One Edison-Base Fuse Holder
4" Square Box
LSRU
One Edison-Base Fuse Holder
21⁄4" Handy Box
and Grounding Receptacle
LSRW
One Edison-Base Fuse Holder
23⁄4" Switch Box
and Grounding Receptacle
2
LSRX
One Edison-Base Fuse Holder
4" Octagon Box
and Grounding Receptacle
LSRY
One Edison-Base Fuse Holder
4" Square Box
and Grounding Receptacle
LSSU
One Edison-Base Fuse Holder
21⁄4" Handy Box
and Single Pole Switch
LSSW
One Edison-Base Fuse Holder
23⁄4" Switch Box
and Single Pole Switch
3
LSSX
One Edison-Base Fuse Holder
4" Octagon Box
and Single Pole Switch
LSSY
One Edison-Base Fuse Holder
4" Square Box
and Single Pole Switch
4
LSOY-B
Two Edison-Base Fuse Holders
4" Square Box
5
LSSY-L
One Edison-Base Fuse Holder
4" Square Box
One Single Pole Switch
and Pilot Light
6
LSSY-RL
One Edison-Base Fuse Holder
4" Square Box
One Grounding Receptacle
One Single Pole Switch and Pilot Light
7
LSCY
Two Edison-Base Fuse Holders
4" Square Box
and Two Single Pole Switches
8
LSKA
Two Edison-Base Fuse Holders
411⁄16" Square Box
One 250V Grounding Receptacle
9
LSTY
Two Edison-Base Fuse Holders
4" Square Box
and One 2-Pole Switch
Box Cover Units
Box cover units provide an economical method
of protecting small motors against overcurrent
damage. For use with Edison-Base plug fuses
(TOO, TLO) or Type S plug fuses (SOO,
SLO) with adapters (SAO).
SPECIFICATIONS
Voltage: 125V
Ampere Rating: 15 Amperes
Approvals: UL Listed


Similar Part No. - LSOU

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LSOU LITTELFUSE-LSOU Datasheet
119Kb / 1P
BOX COVER UNITS
LSOU LITTELFUSE-LSOU_V01 Datasheet
119Kb / 1P
BOX COVER UNITS
More results

Similar Description - LSOU

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2103 POMONA-2103 Datasheet
22Kb / 1P
Phenolic Box With Cover
2104 POMONA-2104 Datasheet
22Kb / 1P
Phenolic Box With Cover
2105 POMONA-2105 Datasheet
22Kb / 1P
Phenolic Box With Cover
2397 POMONA-2397 Datasheet
23Kb / 1P
Size A Aluminum Box With Cover
2400 POMONA-2400 Datasheet
21Kb / 1P
Size A Aluminum Box With Cover
2417 POMONA-2417 Datasheet
21Kb / 1P
Size B Aluminum Box With Cover
2901 POMONA-2901 Datasheet
82Kb / 1P
Size C Aluminum Box With Cover
3754 POMONA-3754 Datasheet
21Kb / 1P
Miniature Size Aluminum Box With Cover
logo
Cooper Bussmann, Inc.
SRX COOPER-SRX Datasheet
143Kb / 2P
Box Cover Units for Plug Fuses
logo
Littelfuse
LSOU LITTELFUSE-LSOU_V01 Datasheet
119Kb / 1P
BOX COVER UNITS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com