Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1754449 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1754449
Description  MDSTB 2,5/ 2-G
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1754449 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1754449 Datasheet HTML 1Page - PHOENIX CONTACT 1754449 Datasheet HTML 2Page - PHOENIX CONTACT 1754449 Datasheet HTML 3Page - PHOENIX CONTACT 1754449 Datasheet HTML 4Page - PHOENIX CONTACT 1754449 Datasheet HTML 5Page - PHOENIX CONTACT 1754449 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MDSTB 2,5/ 2-G Order No.: 1762046
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1762046
PHOENIX CONTACT Inc., USA
Page 3 / 6
http://www.phoenixcon.com
Feb 25, 2010
1786679
MDSTB-SE
Side element, for lateral sealing of MSTB headers, 2.54 mm thick,
color: green
1755477
MSTB-BL
Keying cap, for forming sections, plugs onto header pin, green
insulating material
General
1736771
MDSTB 2,5/ 2-GFL-5,08
Header, Nominal current: 10 A, Nom. voltage: 250 V, Pitch: 5.08
mm, Number of positions: 2, Color: green, Assembly: Soldering
1736768
MDSTB 2,5/ 2-GFR-5,08
Header, Nominal current: 10 A, Nom. voltage: 250 V, Pitch: 5.08
mm, Number of positions: 2, Color: green, Assembly: Soldering
Marking
0804183
SK 5/3,8:FORTL.ZAHLEN
Marker card, printed horizontally, self-adhesive, 12 identical
decades marked 1-10, 11-20 etc. up to 91-(99)100, sufficient for
120 terminal blocks
Plug/Adapter
1734401
CR-MSTB
Coding section, inserted into the recess in the header or the
inverted plug, red insulating material
Additional products
Item
Designation
Description
Assembly
1909210
FKCT 2,5/ 2-ST
Plug component, Nominal current: 12 A, Nom. voltage: 250 V,
Pitch: 5 mm, Number of positions: 2, Connection type: Spring-
cage conn., Color: green
General
1910351
FKC 2,5/ 2-ST
Plug component, Nominal current: 12 A, Nom. voltage: 250 V,
Pitch: 5 mm, Number of positions: 2, Connection type: Spring-
cage conn., Color: green
1910526
FKC 2,5/ 2-STF
Plug component, Nominal current: 12 A, Nom. voltage: 250 V,
Pitch: 5 mm, Number of positions: 2, Connection type: Spring-
cage conn., Color: green
1909401
FKCT 2,5/ 2-STF
Plug component, Nominal current: 12 A, Nom. voltage: 250 V,
Pitch: 5 mm, Number of positions: 2, Connection type: Spring-
cage conn., Color: green
1909715
FKCVR 2,5/ 2-ST
Plug component, Nominal current: 12 A, Nom. voltage: 250 V,
Pitch: 5 mm, Number of positions: 2, Connection type: Spring-
cage conn., Color: green
1909883
FKCVR 2,5/ 2-STF
Plug component, Nominal current: 12 A, Nom. voltage: 250 V,
Pitch: 5 mm, Number of positions: 2, Connection type: Spring-
cage conn., Color: green



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com