Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0804455 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804455
Description  GMSTBA 2,5/ 2-G
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804455 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804455 Datasheet HTML 1Page - PHOENIX CONTACT 0804455 Datasheet HTML 2Page - PHOENIX CONTACT 0804455 Datasheet HTML 3Page - PHOENIX CONTACT 0804455 Datasheet HTML 4Page - PHOENIX CONTACT 0804455 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 5
http://www.phoenixcon.com
Feb 25, 2010
Extract from the online
catalog
 
GMSTBA 2,5/ 2-G
Order No.: 1766343
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1766343
 
 
Header, Nominal current: 12 A, Nom. voltage: 400 V, Pitch: 7.5 mm,
Number of positions: 2, Color: green, Assembly: Soldering
 
Commercial data
EAN
4017918032364
Pack
50 pcs.
Customs tariff
85366990
Weight/Piece
0.001269 KG
Catalog page information
Page 275 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Pitch
7.5 mm
Dimension a
7.5 mm
Number of positions
2
Pin dimensions
1 x 1 mm
Hole diameter
1.4 mm


Similar Part No. - 0804455

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804455 PHOENIX-0804455 Datasheet
254Kb / 14P
PCB terminal block, Push-in spring connection
0804455 PHOENIX-0804455 Datasheet
128Kb / 5P
GMSTB 2,5 HCV/ 9-ST-7,62
0804455 PHOENIX-0804455 Datasheet
140Kb / 5P
GMSTBVA 2,5/ 2-G
0804455 PHOENIX-0804455 Datasheet
136Kb / 5P
GMSTB 2,5/ 2-ST
0804455 PHOENIX-0804455 Datasheet
136Kb / 5P
GMSTB 2,5/ 3-ST
More results

Similar Description - 0804455

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1731637 PHOENIX-1731637 Datasheet
97Kb / 2P
GMSTBA 2,5/ 3-G-7,62 BK
1766233 PHOENIX-1766233 Datasheet
100Kb / 6P
Base strip - GMSTBA 2,5/ 2-G-7,62
1766262 PHOENIX-1766262 Datasheet
333Kb / 13P
GMSTBA 2,5/ 5-G-7,62
1766385 PHOENIX-1766385 Datasheet
91Kb / 5P
Base strip - GMSTBA 2,5/ 6-G
1728921 PHOENIX-1728921 Datasheet
131Kb / 4P
GMSTBA 2,5 HC/ 9-G-7,62
1756184 PHOENIX-1756184 Datasheet
104Kb / 2P
GMSTBA 2,5/ 9-G BK
1766398 PHOENIX-1766398 Datasheet
95Kb / 6P
Base strip - GMSTBA 2,5/ 7-G
1861125 PHOENIX-1861125 Datasheet
96Kb / 2P
GMSTBA 2,5/ 8-G-7,62 AU
1859496 PHOENIX-1859496 Datasheet
96Kb / 2P
GMSTBA 2,5/ 5-G BK
1766411 PHOENIX-1766411 Datasheet
412Kb / 13P
GMSTBA 2,5/ 9-G - PCB header
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com