Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0804549 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 0804549
Description  GMSTBA 2,5/ 5-G-7,62
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804549 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  0804549 Datasheet HTML 1Page - PHOENIX CONTACT 0804549 Datasheet HTML 2Page - PHOENIX CONTACT 0804549 Datasheet HTML 3Page - PHOENIX CONTACT 0804549 Datasheet HTML 4Page - PHOENIX CONTACT 0804549 Datasheet HTML 5Page - PHOENIX CONTACT 0804549 Datasheet HTML 6Page - PHOENIX CONTACT 0804549 Datasheet HTML 7Page - PHOENIX CONTACT 0804549 Datasheet HTML 8Page - PHOENIX CONTACT 0804549 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
1766262 GMSTBA 2,5/ 5-G-7,62
REF 1766233
PHOENIX CONTACT
4 / 13
2017-09-28
Product version 05
Document revision 0
6Dimensions
Order No.
1766262
Type
GMSTBA 2,5/ 5-G-7,62
Type of contact
Male connector
Range of articles
GMSTBA 2,5/..-G
Pitch
7.62 mm
Number of positions
5
Locking
without
Mounting type
Wave soldering
Pin layout
Linear pinning
5
item properties
Material of metal parts
Note
WEEE/RoHS-compliant, whisker-free acc. to IEC 60068-2-82/JEDEC JESD 201
Contact material
Cu alloy
Surface contact area
Ni 1 µm ... 3 µm , Sn 3 µm ... 5 µm
Soldering area surface
Ni 1 µm ... 3 µm , Sn 3 µm ... 5 µm
Surface characteristics
Tin-plated
5.1
Material data
Insulating material data
Housing
Insulating material
PA
CTI according to IEC 60112
600
Flammability rating according to UL 94
V0
Color
green (6021)
Glow wire flammability index GWFI according to EN 60695-2-12
850
Glow wire ignition temperature GWIT according to EN 60695-2-13
775
Temperature for the ball pressure test according to EN 60695-10-2
125 °C
Length
12 mm
Width
38.1 mm
Height (without solder pin)
8.6 mm
Total height
11.8 mm
Solder pin [P]
3.2 mm
Dimension a
30.48 mm
6.1
Dimensions for the product
Hole diameter
1.4 mm
Pin dimensions
1,0 x 1,0
6.2
Dimensions for PCB design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com