Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3602ACMC Datasheet(PDF) 1 Page - Littelfuse

Part # P3602ACMC
Description  Two-chip MicroCapacitance (MC) SIDACtor Device
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P3602ACMC Datasheet(HTML) 1 Page - Littelfuse

  P3602ACMC Datasheet HTML 1Page - Littelfuse P3602ACMC Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Two-chip MicroCapacitance (MC) SIDACtor Device
http://www.littelfuse.com
2 - 32
© 2004 Littelfuse, Inc.
+1 972-580-7777
SIDACtor® Data Book and Design Guide
Two-chip MicroCapacitance (MC)
SIDACtor Device
The two-chip modified TO-220 MC SIDACtor solid state device protects telecommunication
equipment in applications that reference Tip and Ring to earth ground but do not require
balanced protection.
SIDACtor devices are used to enable equipment to meet various regulatory requirements
including GR 1089, ITU K.20, K.21 and K.45, IEC 60950, UL 60950, and TIA-968-A
(formerly known as FCC Part 68).
* For surge ratings, see table below.
General Notes:
• All measurements are made at an ambient temperature of 25 °C. IPP applies to -40 °C through +85 °C temperature range.
• IPP is a repetitive surge rating and is guaranteed for the life of the product.
• Listed SIDACtor devices are bi-directional. All electrical parameters and surge ratings apply to forward and reverse polarities.
• VDRM is measured at IDRM.
• VS is measured at 100 V/µs.
• Special voltage (VS and VDRM) and holding current (IH) requirements are available upon request.
• Off-state capacitance (CO) is measured between Pins 1-2 and 3-2 at 1 MHz with a 2 V bias.
Electrical Parameters: A-rated
Part
Number *
VDRM
Volts
VS
Volts
VDRM
Volts
VS
Volts
VT
Volts
IDRM
µAmps
IS
mAmps
IT
Amps
IH
mAmps
CO
pF
Pins 1-2, 3-2
Pins 1-3
P0302AA MC
6
25
12
50
4
5
800
2.2
50
45
P0602AA MC
25
40
50
80
4
5
800
2.2
50
25
Electrical Parameters: C-rated
Part
Number *
VDRM
Volts
VS
Volts
VDRM
Volts
VS
Volts
VT
Volts
IDRM
µAmps
IS
mAmps
IT
Amps
IH
mAmps
CO
pF
Pins 1-2, 3-2
Pins 1-3
P0602AC MC
25
40
50
80
4
5
800
2.2
50
60
P1402AC MC
58
77
116
154
4
5
800
2.2
150
60
P1602AC MC
65
95
130
190
4
5
800
2.2
150
60
P2202AC MC
90
130
180
260
4
5
800
2.2
150
50
P2702AC MC
120
160
240
320
4
5
800
2.2
150
50
P3002AC MC
140
180
280
360
4
5
800
2.2
150
50
P3602AC MC
170
220
340
440
4
5
800
2.2
150
40
P4202AC MC
190
250
380
500
4
5
800
2.2
150
40
P4802AC MC
220
300
440
600
4
5
800
2.2
150
40
P6002AC MC
275
350
550
700
4
5
800
2.2
150
40
Surge Ratings
Series
IPP
2x10 µs
Amps
IPP
8x20 µs
Amps
IPP
10x160 µs
Amps
IPP
10x560 µs
Amps
IPP
10x1000 µs
Amps
ITSM
60 Hz
Amps
di/dt
Amps/µs
A
150
150
90
50
45
20
500
C
500
400
200
150
100
50
500
1
2
3
(T)
(R)
(G)


Similar Part No. - P3602ACMC

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
P3602ACMC TECCOR-P3602ACMC Datasheet
1Mb / 212P
solid state crowbar devices
logo
Littelfuse
P3602ACMCL LITTELFUSE-P3602ACMCL Datasheet
157Kb / 3P
Two-chip MicroCapacitance
P3602ACMCL LITTELFUSE-P3602ACMCL Datasheet
141Kb / 5P
MC Series - Modified TO-220
P3602ACMCLXX LITTELFUSE-P3602ACMCLXX Datasheet
152Kb / 5P
The series provides a robust single port solution that enables equipment
More results

Similar Description - P3602ACMC

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P0080SAMC LITTELFUSE-P0080SAMC Datasheet
122Kb / 2P
MicroCapacitance (MC) SA SIDACtor Device
P0080SCMC LITTELFUSE-P0080SCMC Datasheet
122Kb / 2P
MicroCapacitance (MC) SC SIDACtor Device
P0084UCMC LITTELFUSE-P0084UCMC Datasheet
124Kb / 2P
Multiport MicroCapacitance (MC) SIDACtor Device
P0640ECMC LITTELFUSE-P0640ECMC Datasheet
121Kb / 2P
MicroCapacitance (MC) SIDACtor Device
P1553ACMC LITTELFUSE-P1553ACMC Datasheet
122Kb / 2P
Balanced Three-chip MicroCapacitance (MC) SIDACtor Device
P0080ECMCL LITTELFUSE-P0080ECMCL Datasheet
101Kb / 3P
MicroCapacitance SIDACtor Device
P0080SCMCRP LITTELFUSE-P0080SCMCRP Datasheet
159Kb / 3P
MicroCapacitance (MC) SC SIDACtor Device
P0080SAMCRP LITTELFUSE-P0080SAMCRP Datasheet
155Kb / 2P
MicroCapacitance (MC) SA SIDACtor Device
P3500SCMCRP LITTELFUSE-P3500SCMCRP Datasheet
159Kb / 3P
MicroCapacitance (MC) SC SIDACtor Device
P0300SCMCRP LITTELFUSE-P0300SCMCRP Datasheet
159Kb / 3P
MicroCapacitance (MC) SC SIDACtor Device
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com