Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0804549 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804549
Description  GMSTBVA 2,5/ 2-G-7,62
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804549 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804549 Datasheet HTML 1Page - PHOENIX CONTACT 0804549 Datasheet HTML 2Page - PHOENIX CONTACT 0804549 Datasheet HTML 3Page - PHOENIX CONTACT 0804549 Datasheet HTML 4Page - PHOENIX CONTACT 0804549 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 5
http://www.phoenixcon.com
Feb 25, 2010
Extract from the online
catalog
 
GMSTBVA 2,5/ 2-G-7,62
Order No.: 1766770
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1766770
 
 
Header, Nominal current: 12 A, Nom. voltage: 400 V, Pitch: 7.62 mm,
Number of positions: 2, Color: green, Assembly: Soldering
 
Commercial data
EAN
4017918032791
Pack
50 pcs.
Customs tariff
85366990
Weight/Piece
0.001278 KG
Catalog page information
Page 277 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Length
8.6 mm
Pitch
7.62 mm
Dimension a
7.62 mm
Number of positions
2
Pin dimensions
1 x 1 mm


Similar Part No. - 0804549

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804549 PHOENIX-0804549 Datasheet
141Kb / 5P
GMSTB 2,5/ 3-ST-7,62
0804549 PHOENIX-0804549 Datasheet
179Kb / 6P
FRONT 4-H-7,62
0804549 PHOENIX-0804549 Datasheet
129Kb / 5P
MKDS 5/ 3-7,62
0804549 PHOENIX-0804549 Datasheet
127Kb / 5P
MKDS 5/ 2-7,62
0804549 PHOENIX-0804549 Datasheet
317Kb / 13P
DFK-PC 5/ 2-ST-7,62
More results

Similar Description - 0804549

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1766660 PHOENIX-1766660 Datasheet
140Kb / 5P
GMSTBVA 2,5/ 2-G
1766796 PHOENIX-1766796 Datasheet
96Kb / 6P
Base strip - GMSTBVA 2,5/ 4-G-7,62
1766806 PHOENIX-1766806 Datasheet
94Kb / 6P
Base strip - GMSTBVA 2,5/ 5-G-7,62
1766819 PHOENIX-1766819 Datasheet
96Kb / 8P
Base strip - GMSTBVA 2,5/ 6-G-7,62
1766822 PHOENIX-1766822 Datasheet
94Kb / 6P
Base strip - GMSTBVA 2,5/ 7-G-7,62
1766835 PHOENIX-1766835 Datasheet
94Kb / 6P
Base strip - GMSTBVA 2,5/ 8-G-7,62
1766877 PHOENIX-1766877 Datasheet
97Kb / 6P
Base strip - GMSTBVA 2,5/12-G-7,62
1766848 PHOENIX-1766848 Datasheet
74Kb / 5P
Base strip - GMSTBVA 2,5/ 9-G-7,62
1766864 PHOENIX-1766864 Datasheet
74Kb / 5P
Base strip - GMSTBVA 2,5/11-G-7,62
1792397 PHOENIX-1792397 Datasheet
135Kb / 9P
Printed-circuit board connector - GMSTBVA 2,5 HC/ 2-G-7,62
09/12/2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com