Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0804455 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0804455
Description  GMSTB 2,5/ 2-ST
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804455 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0804455 Datasheet HTML 1Page - PHOENIX CONTACT 0804455 Datasheet HTML 2Page - PHOENIX CONTACT 0804455 Datasheet HTML 3Page - PHOENIX CONTACT 0804455 Datasheet HTML 4Page - PHOENIX CONTACT 0804455 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GMSTB 2,5/ 2-ST Order No.: 1766880
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1766880
PHOENIX CONTACT Inc., USA
Page 2 / 5
http://www.phoenixcon.com
Feb 25, 2010
Tightening torque, min
0.5 Nm
Tightening torque max
0.6 Nm
Technical data
Insulating material group
I
Rated surge voltage (III/3)
6 kV
Rated surge voltage (III/2)
6 kV
Rated surge voltage (II/2)
6 kV
Rated voltage (III/2)
630 V
Rated voltage (II/2)
1000 V
Connection in acc. with standard
EN-VDE
Nominal current IN
16 A
Nominal voltage UN
400 V
Nominal cross section
2.5 mm²
Maximum load current
12 A
Insulating material
PA
Inflammability class acc. to UL 94
V0
Internal cylindrical gage
A3
Stripping length
7 mm
Connection data
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
2.5 mm²
Conductor cross section stranded min.
0.2 mm²
Conductor cross section stranded max.
2.5 mm²
Conductor cross section stranded, with ferrule
without plastic sleeve min.
0.25 mm²
Conductor cross section stranded, with ferrule
without plastic sleeve max.
2.5 mm²
Conductor cross section stranded, with ferrule
with plastic sleeve min.
0.25 mm²
Conductor cross section stranded, with ferrule
with plastic sleeve max.
2.5 mm²
Conductor cross section AWG/kcmil min.
24
Conductor cross section AWG/kcmil max
12
2 conductors with same cross section, solid min.
0.2 mm²
2 conductors with same cross section, solid max.
1 mm²



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com