Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0804455 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804455
Description  GMSTB 2,5/ 3-ST
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804455 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804455 Datasheet HTML 1Page - PHOENIX CONTACT 0804455 Datasheet HTML 2Page - PHOENIX CONTACT 0804455 Datasheet HTML 3Page - PHOENIX CONTACT 0804455 Datasheet HTML 4Page - PHOENIX CONTACT 0804455 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 5
http://www.phoenixcon.com
Feb 25, 2010
Extract from the online
catalog
 
GMSTB 2,5/ 3-ST
Order No.: 1766893
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1766893
 
 
Plug component, Nominal current: 12 A, Nom. voltage: 400 V, Pitch:
7.5 mm, Number of positions: 3, Connection type: Screw connection,
Color: green
 
Commercial data
EAN
4017918032913
Pack
50 pcs.
Customs tariff
85366990
Weight/Piece
0.00596 KG
Catalog page information
Page 266 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Pitch
7.5 mm
Dimension a
15 mm
Number of positions
3
Screw thread
M3


Similar Part No. - 0804455

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804455 PHOENIX-0804455 Datasheet
254Kb / 14P
PCB terminal block, Push-in spring connection
0804455 PHOENIX-0804455 Datasheet
128Kb / 5P
GMSTB 2,5 HCV/ 9-ST-7,62
0804455 PHOENIX-0804455 Datasheet
141Kb / 5P
GMSTBA 2,5/ 2-G
0804455 PHOENIX-0804455 Datasheet
140Kb / 5P
GMSTBVA 2,5/ 2-G
0804455 PHOENIX-0804455 Datasheet
136Kb / 5P
GMSTB 2,5/ 2-ST
More results

Similar Description - 0804455

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1767012 PHOENIX-1767012 Datasheet
141Kb / 5P
GMSTB 2,5/ 3-ST-7,62
1714281 PHOENIX-1714281 Datasheet
86Kb / 5P
Plug - GMSTB 2,5 HCV/ 3-ST-7,62
1766880 PHOENIX-1766880 Datasheet
136Kb / 5P
GMSTB 2,5/ 2-ST
1766903 PHOENIX-1766903 Datasheet
136Kb / 5P
GMSTB 2,5/ 4-ST
1766990 PHOENIX-1766990 Datasheet
138Kb / 6P
GMSTB 2,5/ 2-ST-7,62
1767025 PHOENIX-1767025 Datasheet
138Kb / 6P
GMSTB 2,5/ 4-ST-7,62
1767038 PHOENIX-1767038 Datasheet
196Kb / 6P
GMSTB 2,5/ 5-ST-7,62
1882214 PHOENIX-1882214 Datasheet
96Kb / 2P
GMSTB 2,5/ 3-ST-7,62 BK
1767070 PHOENIX-1767070 Datasheet
141Kb / 5P
GMSTB 2,5/ 9-ST-7,62
1767083 PHOENIX-1767083 Datasheet
140Kb / 5P
GMSTB 2,5/10-ST-7,62
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com