Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLPC6540 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC6540
Description  DLPC6540 High Resolution Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC6540 Datasheet(HTML) 1 Page - Texas Instruments

  DLPC6540 Datasheet HTML 1Page - Texas Instruments DLPC6540 Datasheet HTML 2Page - Texas Instruments DLPC6540 Datasheet HTML 3Page - Texas Instruments DLPC6540 Datasheet HTML 4Page - Texas Instruments DLPC6540 Datasheet HTML 5Page - Texas Instruments DLPC6540 Datasheet HTML 6Page - Texas Instruments DLPC6540 Datasheet HTML 7Page - Texas Instruments DLPC6540 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1.8 V
VBIAS
VRESET
LS_Interface
DMD DCLKA
VOFFSET
Vx1
HSSI Macro A Data Pair
8
DLPC6540
Display
Controller
SPI
DMD DCLKB
HSSI Macro B Data Pair
8
Power
Management
VREG
DLP471TP
HSSI DMD
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
DLPC6540
DLPS154 – APRIL 2020
DLPC6540 High Resolution Controller
1
1 Features
1
•
DLPC6540 controller supports up to 4K ultra high
definition resolution using DLP471TP digital
micromirror device (DMD)
–
Up to 4K at 60 Hz
–
Up to 240 Hz at 1080p
–
Up to 120 Hz (3D) at 1080p
•
Provides single V-by-one video input port with
one, two, four, or eight lanes
–
Pixel clock support up to 610 MHz
–
Input transmission rate up to 3.4 Gbps
•
Input formats supported:
–
RGB and YCbCr
–
4:4:4, 4:2:2, 4:2:0
•
Internal ARM® Cortex R4F microprocessor
–
88 configurable GPIOs
–
Programmable PWM generator
–
Programmable capture and delay timers
–
USB 2.0 high-speed OTG controller
–
SPI master/slave controllers
–
I2C master/slave controllers
–
UART controllers
–
Interrupt controller
•
Warping engine (next generation scaling engine)
–
Improved 1D, 2D and 3D keystone correction
–
Optical correction (e.g. for short throw
distortion, radial distortion, and lateral color
distortion)
•
Additional image processing
–
DynamicBlack
–
Frame rate conversion
–
Color coordinate adjustment
–
White color temperature adjustment
–
Programmable degamma
–
Spatial-temporal multiplexing
–
Integrated support for 3-D display
•
Splash screen display and capture
•
Integrated 2G-bit frame memory eliminates need
for external high speed memory
•
External memory support
–
Parallel flash for µP and PWM sequences
–
Optional secondary flash for Splash Capture
and Warping
•
System control
–
DMD power and reset driver control
–
DMD horizontal and vertical image flip
•
JTAG boundary scan test support
•
Supports LED based projector systems
2 Applications
•
Mobile smart TV
•
Mobile projector
•
Digital signage
3 Description
The DLPC6540 is a digital display controller for the TI
DLP®
Products
4K
UHD
display
chipset.
The
DLPC6540
display
controller,
together
with
the
DLP471TP
DMD
and
DLPA3005
comprise
the
chipset. This solution is fit for display systems that
require high resolution and high brightness in a small
form
factor.
To
ensure
reliable
operation,
the
DLPC6540 display controller must always be used
with the DLP471TP DMD and the DLPA3005 power
management integrated circuit per application.
Device Information(1)(2)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DLPC6540ZDC
P-HBGA (676)
31.00 mm × 31.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
(2) with embedded heat slug
Typical Standalone System


Similar Part No. - DLPC6540

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPC6401 TI1-DLPC6401 Datasheet
1Mb / 50P
DLP Data Processor
DLPC6401ZFF TI1-DLPC6401ZFF Datasheet
1Mb / 50P
DLP Data Processor
DLPC6421 TI1-DLPC6421 Datasheet
740Kb / 48P
DLP Display Controller
DLPC6421 TI1-DLPC6421 Datasheet
712Kb / 49P
DLPC6421 DLP Display Controller
DLPC6421AZPC TI1-DLPC6421AZPC Datasheet
712Kb / 49P
DLPC6421 DLP Display Controller
More results

Similar Description - DLPC6540

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM1601 ETC-GM1601 Datasheet
176Kb / 2P
HIGH-RESOLUTION DISPLAY CONTROLLER
SGX-1920L ETC2-SGX-1920L Datasheet
1Mb / 3P
High Resolution LCD Controller Board
logo
ON Semiconductor
NCP81231 ONSEMI-NCP81231 Datasheet
195Kb / 21P
High Resolution Buck Controller
December, 2017 ??Rev. 1
logo
Texas Instruments
DLPC7540 TI1-DLPC7540 Datasheet
114Kb / 8P
DLPC7541 High Resolution Controller
DLPC7540 TI1-DLPC7540_V01 Datasheet
117Kb / 8P
DLPC7541 High Resolution Controller
DLPC7541 TI-DLPC7541 Datasheet
154Kb / 8P
DLPC7541 High Resolution Controller
logo
Cirrus Logic
CL-GD6420 CIRRUS-CL-GD6420 Datasheet
784Kb / 146P
High-Resolution LCD VGA Controller for Notebook Computers
July 1993
logo
Digital View Ltd
HX-1920V3 DIGITALVIEW-HX-1920V3 Datasheet
921Kb / 2P
High-Resolution Controller
August 2014 v1.2
SVX-1920-V3 DIGITALVIEW-SVX-1920-V3 Datasheet
769Kb / 2P
High-Resolution Controller
November 2014 v1.2
SVX-2560 DIGITALVIEW-SVX-2560 Datasheet
849Kb / 2P
2.5K High-Resolution Controller
April 2015 v2.1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com