Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N4402 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # 2N4402
Description  NPN PNP SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N4402 Datasheet(HTML) 1 Page - Continental Device India Limited

  2N4402 Datasheet HTML 1Page - Continental Device India Limited 2N4402 Datasheet HTML 2Page - Continental Device India Limited 2N4402 Datasheet HTML 3Page - Continental Device India Limited 2N4402 Datasheet HTML 4Page - Continental Device India Limited 2N4402 Datasheet HTML 5Page - Continental Device India Limited 2N4402 Datasheet HTML 6Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Continental Device India Limited
Data Sheet
Page 1 of 6
2N4400, 2N4401
2N4402, 2N4403
ABSOLUTE MAXIMM RATINGS
Rating
Symbol
2N4400/01
2N4402/03
Units
Collector-Emitter Voltage
VCEO
40
40
V
Collector-Base Voltage
VCBO
60
40
V
Emitter-Base Voltage
VEBO
65
V
Collector Current Continuous
IC
-
600
-
mA
Power Dissipation At Ta=25 ºC
PD
-
625
-
mW
Derate Above 25 ºC
-
5.0
-
mW/ºC
Power Dissipation At Tc=25 ºC
PD
-
1.5
-
W
Derate Above 25 ºC
-
12
-
mW/ºC
Operating & Storage
Tj,Tstg
-55 to +150
ºC
Junction Temperature Range
THERMAL RESISTANCE
Junction to Case
Rth(j-c)
-
83.3
-
ºC/W
Junction to Ambient
Rth (j-a)
-
200
-
ºC/W
ELECTRICAL CHARACTERISTICS (Ta =25 ºC unless otherwise specified)
2N4400,4401NPNSILICONPLANAREPITAXIALTRANSISTORS
2N4402,4403PNPSILICONPLANAREPITAXIALTRANSISTORS
General Purpose Switching Applications
1 = EMITTER
2 = BASE
3 = COLLECTOR
DIM
MIN
MAX
A
4,32
5,33
B
4,45
5,20
C
3,18
4,19
D
0,41
0,55
E
0,35
0,50
F
5 DEG
G
1,14
1,40
H
1,14
1,53
K
12,70
–
L
1.982
2.082
ALL DIMENSIONS IN M.M.
E B
C
1 2 3
TO-92 Plastic Package
Continental Device India Limited
An ISO/TS16949 and ISO 9001 Certified Company


Similar Part No. - 2N4402

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4402 ONSEMI-2N4402 Datasheet
297Kb / 6P
General Purpose Transistors(PNP Silicon)
1996
logo
Semtech Corporation
2N4402 SEMTECH-2N4402 Datasheet
209Kb / 3P
PNP EXPITAXIAL SILICON TRANSISTOR?
logo
Fairchild Semiconductor
2N4402 FAIRCHILD-2N4402 Datasheet
26Kb / 2P
PNP General Purpose Amplifier
logo
Micro Electronics
2N4402 MICRO-ELECTRONICS-2N4402 Datasheet
189Kb / 2P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Diotec Semiconductor
2N4402 DIOTEC-2N4402 Datasheet
97Kb / 2P
Si-Epitaxial PlanarTransistors
More results

Similar Description - 2N4402

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSC1008 CDIL-CSC1008 Datasheet
59Kb / 3P
NPN/PNP EPITAXIAL PLANAR SILICON TRANSISTORS
logo
Sanyo Semicon Device
2SA1343 SANYO-2SA1343 Datasheet
331Kb / 5P
PNP /NPN EPITAXIAL PLANAR SILICON TRANSISTORS
2SC4361 SANYO-2SC4361 Datasheet
88Kb / 2P
PNP/NPN Epitaxial Planar Silicon Transistors
logo
Continental Device Indi...
CSA709 CDIL-CSA709 Datasheet
94Kb / 3P
PNP/NPN EPITAXIAL PLANAR SILICON TRANSISTORS
logo
Sanyo Semicon Device
2SA1420 SANYO-2SA1420 Datasheet
94Kb / 2P
PNP/NPN EPITAXIAL PLANAR SILICON TRANSISTORS
logo
Guangdong Kexin Industr...
2SB1394 KEXIN-2SB1394 Datasheet
55Kb / 2P
PNP/NPN Epitaxial Planar Silicon Transistors
logo
Seme LAB
BUX77A SEME-LAB-BUX77A_09 Datasheet
98Kb / 3P
SILICON PLANAR EPITAXIAL NPN/PNP TRANSISTORS
logo
SEMTECH ELECTRONICS LTD...
MMBT5451DW SEMTECH_ELEC-MMBT5451DW Datasheet
410Kb / 6P
NPN/PNP Silicon Epitaxial Planar Transistors
logo
DONGGUAN YOU FENG WEI E...
MMBT3946DW YFWDIODE-MMBT3946DW Datasheet
636Kb / 6P
NPN / PNP Silicon Epitaxial Planar Transistors
MMBT4413DW YFWDIODE-MMBT4413DW Datasheet
560Kb / 6P
NPN / PNP Silicon Epitaxial Planar Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com