Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1767775 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1767775
Description  Printed-circuit board connector - MC 1,5/16-STFZ13-3,81
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1767775 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1767775 Datasheet HTML 1Page - PHOENIX CONTACT 1767775 Datasheet HTML 2Page - PHOENIX CONTACT 1767775 Datasheet HTML 3Page - PHOENIX CONTACT 1767775 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/pi/products/1767775
04/01/2020   Page 1 / 4
Printed-circuit board connector - MC 1,5/16-STFZ13-3,81 - 1767775
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PCB connector, rated voltage (III/2): 160 V, nominal cross section: 1.5 mm², number of positions: 16, pitch:
3.81 mm, connection method: Screw connection with tension sleeve, color: green, contact surface: Tin
The figure shows a 10-position
version of the product
Your advantages
 Well-known connection principle allows worldwide use
 Low temperature rise, thanks to maximum contact force
 Allows connection of two conductors
 Screwable flange for superior mechanical stability
 Pull-out aid facilitates handling and allows the tensile force to be reduced at the contact point
Key Commercial Data
Packing unit
50 pc
GTIN
GTIN
4046356436625
Technical data
Dimensions
Length [ l ]
16.1 mm
Width [ w ]
71.35 mm
Height [ h ]
11.1 mm
Pitch
3.81 mm
Dimension a
66.15 mm
General
Range of articles
MC 1,5/..-STZFMSTB
Number of positions
16
Connection method
Screw connection with tension sleeve
Rated surge voltage (III/3)
2.5 kV


Similar Part No. - 1767775

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
176770 MACOM-176770 Datasheet
305Kb / 21P
This specification covers the requirements for product performance
176771 MACOM-176771 Datasheet
305Kb / 21P
This specification covers the requirements for product performance
logo
PHOENIX CONTACT
1767717 PHOENIX-1767717 Datasheet
45Kb / 3P
Printed-circuit board connector - MC 1,5/ 6-STFZ2-3,81
1767753 PHOENIX-1767753 Datasheet
49Kb / 3P
Printed-circuit board connector - MSTB 2,5/14-ST-5,08 BD: 1-14
logo
Weidmuller
1767760000 WEIDMULLER-1767760000 Datasheet
368Kb / 4P
BLL 5.08/18/180B 3.2AU BK BX
More results

Similar Description - 1767775

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1827790 PHOENIX-1827790 Datasheet
118Kb / 8P
Printed-circuit board connector - MC 1,5/11-STF-3,81
1850990 PHOENIX-1850990 Datasheet
124Kb / 8P
Printed-circuit board connector - FRONT-MC 1,5/16-STF-3,81
1768949 PHOENIX-1768949 Datasheet
70Kb / 5P
Printed-circuit board connector - MC 1,5/ 7-STZ2-3,81
1768952 PHOENIX-1768952 Datasheet
70Kb / 5P
Printed-circuit board connector - MC 1,5/ 8-STZ3-3,81
1769113 PHOENIX-1769113 Datasheet
43Kb / 2P
Printed-circuit board connector - MC 1,5/12-STFZ13-5,08 NZ:487
1926879 PHOENIX-1926879 Datasheet
86Kb / 5P
Printed-circuit board connector - FRONT-MC 1,5/16-ST-3,81 BK
1896459 PHOENIX-1896459 Datasheet
74Kb / 4P
Printed-circuit board connector - MC 1,5/16-ST-3,81 AUBD:90141Q
1900701 PHOENIX-1900701 Datasheet
69Kb / 5P
Printed-circuit board connector - MC 1,5/16-STF-3,81 AU
1817945 PHOENIX-1817945 Datasheet
100Kb / 4P
Printed-circuit board connector - MC 1,5/16-GF-3,81-LR
1829085 PHOENIX-1829085 Datasheet
106Kb / 4P
Printed-circuit board connector - MC 1,5/16-G-3,81 P20 THR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com