Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RLS Datasheet(PDF) 1 Page - Littelfuse

Part # RLS
Description  RLN/RLS Class H Fuses
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

RLS Datasheet(HTML) 1 Page - Littelfuse

  RLS Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
36
RLN/RLS Class H Fuses
250/600 VAC I Renewable I 1 – 600 Amperes
SPECIFICATIONS
Voltage Ratings: AC: 250 Volts (RLN); 600 Volts (RLS)
Interrupting Ratings: AC: 10,000 amperes rms symmetrical
Ampere Range: 1 – 600 amperes
Approvals: Standard 248-6, Class H
UL Listed (File No: E81895)
CSA Certified (File No: LR29862)
FUSE LINKS: To order, specify LKN (250V) or LKS (600V)
plus ampere rating shown below.
AMPERE RATINGS
Example part number (series & amperage): RLN 20
RECOMMENDED FUSE BLOCKS
LH250 series (for RLN series fuses)
LH600 series (for RLS series fuses)
Refer to Fuse Block section of this catalog for
additional information.
Littelfuse RLN/RLS series renewable fuses are a quality
product that have traditionally been used to provide low cost
protection of general purpose feeder and branch circuits
where available short-circuit currents do not exceed 10,000
amperes. However, generally increased levels of available
fault current and the distinct possibility that renewable fuses
may be improperly renewed, rendering them unsafe, have all
but eliminated the use of these fuses in new applications. In
addition, escalating labor costs and increasing automation,
which makes downtime very expensive, have greatly reduced
or eliminated the cost savings attributed to renewable fuses.
We recommend the use of POWR-PRO® IDSR series
Indicator™ fuses for circuits between 250 and 600 volts
and FLNR series for 250 volt and below circuits. Complete
information on POWR-PRO® Indicator fuses may be found
in the POWR-PRO® section of this catalog. FLNR fuses are
in this section of the catalog.
COST CONSIDERATIONS
I
When comparing the cost of using renewable fuses with the
cost of other fuses, the labor required for replacing links
and the cost of additional downtime should be included.
CAUTIONS
I
Renewable fuses should only be used where short circuit
currents are known to be less than 10,000 amperes, and
where correct replacement of open links is assured.
I
After disassembly of fuse, examine carefully. Discard
any fuses which show evidence of weakened tube or
damaged components.
I
Remove all link residue from fuse tube.
I
Carefully clean all contact surfaces, and remove metal
spatter from all surfaces.
I
Install the proper rated fuse link and tighten all
connections securely.
I
Visually examine fuses for correct alignment of blades.
DIMENSIONS
I
For dimensions, please refer to NLN series for RLN
dimensions and NLS series for RLS dimensions.
1
2
3
4
5
6
8
10
12 **
15
20
25
30
35
40
45
50
60
70
80
90
100
110
125
150
175
200
225 *
250 *
300 *
350 *
400 *
450 *
500 *
600 *
*These ampere ratings require two links per fuse.
**RLS Only.


Similar Part No. - RLS

ManufacturerPart #DatasheetDescription
logo
Littelfuse
RLS LITTELFUSE-RLS Datasheet
296Kb / 1P
Class H ??RLN / RLS series fuses & lkn / lks links
logo
Ohmite Mfg. Co.
RLS OHMITE-RLS Datasheet
523Kb / 3P
(Potentiometers) Wirewound
logo
KITAGAWA GmbH
RLS KGS-RLS Datasheet
6Mb / 1P
Releasable PCB spacer
RLS-2E-V0 KGS-RLS-2E-V0 Datasheet
6Mb / 1P
Releasable PCB spacer
RLS-3E-V0 KGS-RLS-3E-V0 Datasheet
6Mb / 1P
Releasable PCB spacer
More results

Similar Description - RLS

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SLC LITTELFUSE-SLC Datasheet
457Kb / 2P
SLC Class G Fuses
logo
Cooper Bussmann, Inc.
RES-50 COOPER-RES-50 Datasheet
1Mb / 5P
REN (250V) RES (600V) Renewable Class H Fuses
RES-150 COOPER-RES-150 Datasheet
1Mb / 5P
REN (250V) RES (600V) Renewable Class H Fuses
RES-90 COOPER-RES-90 Datasheet
1Mb / 5P
REN (250V) RES (600V) Renewable Class H Fuses
logo
List of Unclassifed Man...
REN-1 ETC1-REN-1 Datasheet
615Kb / 5P
REN (250V) and RES (600V) Renewable Class H size fuses
logo
Littelfuse
RLN LITTELFUSE-RLN_12 Datasheet
296Kb / 1P
Class H ??RLN / RLS series fuses & lkn / lks links
SLC LITTELFUSE-SLC_17 Datasheet
277Kb / 1P
SLC CLASS G FUSES
logo
Eaton All Rights Reserv...
NOS EATON-NOS Datasheet
989Kb / 4P
250 V NON/600 V NOS Class K5 and H fuses
REN EATON-REN Datasheet
615Kb / 5P
REN (250V) and RES (600V) Renewable Class H size fuses
logo
Littelfuse
RLN LITTELFUSE-RLN_V01 Datasheet
296Kb / 1P
Class H ??RLN / RLS series fuses & lkn / lks links
Rev: 100112
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com