Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2053D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MPXM2053D
Description  50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPXM2053D Datasheet(HTML) 2 Page - NXP Semiconductors

  MPXM2053D Datasheet HTML 1Page - NXP Semiconductors MPXM2053D Datasheet HTML 2Page - NXP Semiconductors MPXM2053D Datasheet HTML 3Page - NXP Semiconductors MPXM2053D Datasheet HTML 4Page - NXP Semiconductors MPXM2053D Datasheet HTML 5Page - NXP Semiconductors MPXM2053D Datasheet HTML 6Page - NXP Semiconductors MPXM2053D Datasheet HTML 7Page - NXP Semiconductors MPXM2053D Datasheet HTML 8Page - NXP Semiconductors MPXM2053D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
MPX2053
Sensors
Freescale Semiconductor, Inc.
2
Pressure
SMALL OUTLINE PACKAGES
MPXV2053GP
CASE 1369-01
MPXV2053DP
CASE 1351-01
MPXM2053D/DT1
CASE 1320-02
MPXM2053GS/GST1
CASE 1320A-02
MPAK PACKAGES
UNIBODY PACKAGES
MPX2053D
CASE 344-15
MPX2053GP
CASE 344B-01
MPX2053DP
CASE 344C-01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com