Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54HC14 Datasheet(PDF) 3 Page - Motorola, Inc

Part # 54HC14
Description  Hex Schmitt Inverter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

54HC14 Datasheet(HTML) 3 Page - Motorola, Inc

  54HC14 Datasheet HTML 1Page - Motorola, Inc 54HC14 Datasheet HTML 2Page - Motorola, Inc 54HC14 Datasheet HTML 3Page - Motorola, Inc 54HC14 Datasheet HTML 4Page - Motorola, Inc 54HC14 Datasheet HTML 5Page - Motorola, Inc 54HC14 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MC74VHC14
VHC Data – Advanced CMOS Logic
DL203 — Rev 1
3
MOTOROLA
DC ELECTRICAL CHARACTERISTICS
Unit
TA = – 40 to 85°C
TA = 25°C
VCC
V
Test Conditions
Parameter
Symbol
Unit
Max
Min
Max
Typ
Min
VCC
V
Test Conditions
Parameter
Symbol
Iin
Maximum Input
Leakage Current
Vin = 5.5V or GND
0 to 5.5
± 0.1
± 1.0
µA
ICC
Maximum Quiescent
Supply Current
Vin = VCC or GND
5.5
2.0
20.0
µA
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0ns)
Sb l
P
T
C
di i
TA = 25°C
TA = – 40 to 85°C
Ui
Symbol
Parameter
Test Conditions
Min
Typ
Max
Min
Max
Unit
tPLH,
tPHL
Maximum Propagation Delay,
A or B to Y
VCC = 3.3 ± 0.3 V
CL = 15pF
CL = 50pF
8.3
10.8
12.8
16.3
1.0
1.0
15.0
18.5
ns
VCC = 5.0 ± 0.5 V
CL = 15pF
CL = 50pF
5.5
7.0
8.6
10.6
1.0
1.0
10.0
12.0
Cin
Maximum Input Capacitance
4
10
10
pF
C
PDi
i
i
C
i
(N
1 )
Typical @ 25
°C, VCC = 5.0 V
F
CPD
Power Dissipation Capacitance (Note 1.)
21
pF
1. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Averageoperatingcurrentcanbeobtainedbytheequation:ICC(OPR)=CPDVCCfin+ICC / 6(perbuffer).CPDisusedtodeterminetheno–load
dynamic power consumption; PD = CPD  VCC2  fin + ICC  VCC.
NOISE CHARACTERISTICS (Input tr = tf = 3.0ns, CL = 50pF, VCC = 5.0 V)
Sb l
Ch
i i
TA = 25°C
Ui
Symbol
Characteristic
Typ
Max
Unit
VOLP
Quiet Output Maximum Dynamic VOL
0.4
0.8
V
VOLV
Quiet Output Minimum Dynamic VOL
– 0.4
– 0.8
V
VIHD
Minimum High Level Dynamic Input Voltage
3.5
V
VILD
Maximum Low Level Dynamic Input Voltage
1.5
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com