Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0804549 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0804549
Description  PC 4/ 3-G-7,62
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804549 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0804549 Datasheet HTML 1Page - PHOENIX CONTACT 0804549 Datasheet HTML 2Page - PHOENIX CONTACT 0804549 Datasheet HTML 3Page - PHOENIX CONTACT 0804549 Datasheet HTML 4Page - PHOENIX CONTACT 0804549 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 5
http://www.phoenixcon.com
Mar 10, 2010
Extract from the online
catalog
 
PC 4/ 3-G-7,62
Order No.: 1804807
The figure shows a 5-pos. version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1804807
 
 
Header, Nominal current: 20 A, Nom. voltage: 400 V, Pitch: 7.62 mm,
Number of positions: 3, Color: green, Assembly: Soldering
 
Commercial data
EAN
4017918046248
Pack
50 pcs.
Customs tariff
85366990
Weight/Piece
0.005868 KG
Catalog page information
Page 370 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Pitch
7.62 mm
Dimension a
15.24 mm
Number of positions
3
Pin dimensions
1 x 0,8 mm
Hole diameter
1.3 mm


Similar Part No. - 0804549

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0804549 PHOENIX-0804549 Datasheet
141Kb / 5P
GMSTB 2,5/ 3-ST-7,62
0804549 PHOENIX-0804549 Datasheet
179Kb / 6P
FRONT 4-H-7,62
0804549 PHOENIX-0804549 Datasheet
129Kb / 5P
MKDS 5/ 3-7,62
0804549 PHOENIX-0804549 Datasheet
127Kb / 5P
MKDS 5/ 2-7,62
0804549 PHOENIX-0804549 Datasheet
317Kb / 13P
DFK-PC 5/ 2-ST-7,62
More results

Similar Description - 0804549

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1861167 PHOENIX-1861167 Datasheet
98Kb / 6P
Base strip - DFK-PC 4/ 3-G-7,62-FS4,8
1720479 PHOENIX-1720479 Datasheet
76Kb / 4P
Electronic housing - PC 5/ 3-G-7,62
1804690 PHOENIX-1804690 Datasheet
144Kb / 5P
PCV 4/ 3-G-7,62
1804865 PHOENIX-1804865 Datasheet
336Kb / 14P
PC 4/ 9-G-7,62
1804917 PHOENIX-1804917 Datasheet
159Kb / 6P
PC 4/ 3-ST-7,62
1828252 PHOENIX-1828252 Datasheet
164Kb / 6P
PC 4/ 3-STF-7,62
1916009 PHOENIX-1916009 Datasheet
52Kb / 3P
Printed-circuit board connector - PC 4/ 3-G-7,62 BK
1835915 PHOENIX-1835915 Datasheet
91Kb / 3P
Feed-through header - PC 4/ 3-G-7,62 GY
11/04/2018
1804810 PHOENIX-1804810 Datasheet
975Kb / 16P
PCB header - PC 4/ 4-G-7,62
Jul 21, 2022
1054547 PHOENIX-1054547 Datasheet
262Kb / 9P
PCB header - PC 6/ 3-G-7,62
Jan 10, 2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com