Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP0501BACT Datasheet(PDF) 3 Page - Littelfuse

Part # SP0501BACT
Description  TVS Diode Arrays - TVS Avalanche Diode in a Chip Scale Package
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP0501BACT Datasheet(HTML) 3 Page - Littelfuse

  SP0501BACT Datasheet HTML 1Page - Littelfuse SP0501BACT Datasheet HTML 2Page - Littelfuse SP0501BACT Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
221
www .littelfuse .com
TVS Avalanche Diode in a Chip Scale Package
SP0501BACT
Printed Circuit Board Recommendations
Pad Size in PCB
14 x 6 mils (0.356 x 0.152mm)
Pad Shape
Rectangle
Pad Definition
Non Solder Mask Defined Pads (NSMD)
Solder Mask Opening
18 x 10 mils (0.457 x 0.254mm)
Solder Stencil Thickness
6 mils (0.152mm)
Solder Stencil Aperture Opening
14 x 6 mils (0356 x 0.152mm)
Solder Flux Ratio
50/50
Solder Paste Type
No Clean
Board Trace Finish
Organic Solderable Preservative (OSP)
(Enteck: Cu Plus 106A)
28 mils
14 mils 18 mils
10 mils
2 mils
Solder stencil
opening/PCB land
Solder Mask
Opening
6 mils
2 mils
TVS Diode Arrays
5
Typical Solder Reflow Thermal Profile (No-Clean Flux)
0
48
97
Time (s)
145
194
242
290
339
387
435
EXH
CD
RF
Z
Z4
Z3
Z2
PH
EXH
250
225
200
175
150
125
100
75
50
25



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com