Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP0502AAHT Datasheet(PDF) 3 Page - Littelfuse

Part # SP0502AAHT
Description  Silicon Protection Circuits - TVS Rail Clamp Array in a Surface Mount Package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP0502AAHT Datasheet(HTML) 3 Page - Littelfuse

  SP0502AAHT Datasheet HTML 1Page - Littelfuse SP0502AAHT Datasheet HTML 2Page - Littelfuse SP0502AAHT Datasheet HTML 3Page - Littelfuse SP0502AAHT Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SP0502AAH, SP0506AAA, SP0506AAB, SP0518AAA
Silicon Protection Circuits
TVS Rail Clamp Array in a Surface Mount Package
207
www .littelfuse .com
5
502A
E
E1
A
G
G1
C
B2
B
A1
E2
506 A
E
E1
E2
A
A1
B
B2
C1
C
LF
Outline Drawings
SP0502AAH - SOT143
SP0506AAA - MSOP 8
Package
SOT143
mm
inches
min
max
min
max
2.80
3.04
.110
.120
1.20
1.40
.047
.055
2.10
2.64
.083
.104
-
.020REF
-
1.920REF
-
1.920REF
-
.076
0.890
1.120
.035
.044
0.013
0.100
.0005
.0040
E
E1
E2
G
G1
A
A1
B
B2
C
Z
G
F
F1
0.760
0.940
.030
.037
0.370
0.510
.015
.020
0.0850
0.180
.0033
.0071
40
60
.134
.140
-
1.70
-
.067
-
1.90
-
.075
-
1.40
-
.055
X
X1
X2
0.80
1.00
.032
.040
1.00
1.20
.040
.048
-
1.40
-
.055
Package
MSOP 8
mm
inches
min
max
min
max
2.90
3.10
.114
.122
2.90
3.10
.114
.122
4.78
4.98
.188
.196
0.87
1.17
.034
.046
0.05
0.25
.002
.010
-
0.30
-
.012TYP
-
0.65
-
.25TYP
E
E1
E2
A
A1
B
B2
C
C1
F
F1
Z
X
G
-
0.18
-
.007TYP
0.52
0.54
.017
.025
-
0.65
-
.0256
-
0.38
-
.015
-
4.24
-
.167
-
1.04
-
.041
-
5.28
-
.208
X
X1
X2
G
F1
F
Z
G
Z
X
F1
F
Recommended Pad Layout
Recommended Pad Layout
Outline Drawings
4
3
1
2
Next
Previous



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com