Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP0504BAHT Datasheet(PDF) 7 Page - Littelfuse

Part # SP0504BAHT
Description  TVS Diode Arrays - Surface Mount TVS Avalanche Diode Array
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP0504BAHT Datasheet(HTML) 7 Page - Littelfuse

  SP0504BAHT Datasheet HTML 1Page - Littelfuse SP0504BAHT Datasheet HTML 2Page - Littelfuse SP0504BAHT Datasheet HTML 3Page - Littelfuse SP0504BAHT Datasheet HTML 4Page - Littelfuse SP0504BAHT Datasheet HTML 5Page - Littelfuse SP0504BAHT Datasheet HTML 6Page - Littelfuse SP0504BAHT Datasheet HTML 7Page - Littelfuse SP0504BAHT Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
226
www .littelfuse .com
TVS Diode Arrays
SP0502BA, SP0503BA, SP0504BA, SP0505BA, SP0506BA
Surface Mount TVS Avalanche Diode Array
b
1
2
3
4
5
6
e
E1
E
505B
e1
L1
D
A
A1
c
Outline Drawings
SP0505BAHT - SOT23-6
Recommended Pad Layout
O
P
N
M
Package
Pins
JEDEC
A
A1
b
c
D
E
E1
e
e1
L1
SOT23-6
6
MO-178
mm
inches
min
max
min
max
-
1.45
-
0.057
0
0.15
0
0.006
0.3
0.5
0.012
0.020
0.08
0.22
0.003
0.009
2.75
3.05
0.108
0.120
2.6
3.0
0.102
0.118
1.45
1.75
0.057
0.069
1.90 BSC
1.90 BSC
0.60 REF
0.60 REF
0.95 BSC
0.95 BSC
PD@70°C
.225W
M
N
O
P
2.59
.102
0.95
0.038
0.69
.027TYP
0.99
.039TYP
504 BA
E
LF
D
E1
A
A1
C
B
L1
L2
SP0504BAAT - TSSOP-8
Package
TSSOP-8
mm
inches
min
max
min
max
2.90
3.10
.144
.122
4.29
4.50
.17
.18
0.051
0.152
.002
0.006
-
0.30
-
.12TYP
-
0.66
-
.26TYP
D
E
E1
A
A1
B
C
L1
L2
0.51
0.76
.020
.030
0.102
0.203
.004
.008
6.40 REF
.252 REF
1.194 REF
.047 REF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com