Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP0504BAAT Datasheet(PDF) 3 Page - Littelfuse

Part # SP0504BAAT
Description  TVS Diode Arrays - Surface Mount TVS Avalanche Diode Array
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP0504BAAT Datasheet(HTML) 3 Page - Littelfuse

  SP0504BAAT Datasheet HTML 1Page - Littelfuse SP0504BAAT Datasheet HTML 2Page - Littelfuse SP0504BAAT Datasheet HTML 3Page - Littelfuse SP0504BAAT Datasheet HTML 4Page - Littelfuse SP0504BAAT Datasheet HTML 5Page - Littelfuse SP0504BAAT Datasheet HTML 6Page - Littelfuse SP0504BAAT Datasheet HTML 7Page - Littelfuse SP0504BAAT Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
222
www .littelfuse .com
TVS Diode Arrays
Typical Diode Capacitance
vs. Reverse Voltage
Diode Reverse Voltage (V)
0
1
2
3
4
5
0
20
40
60
Mechanical Specifications
Lead Plating
Tin-Lead
Lead Material
Copper Alloy
Lead Coplanarity
0.004 inches (0.102mm)
Subsitute Material
Silicon
Body Material
Molded Epoxy
Flammability
UL94-V-0
Package Information
Notes:
1. All dimensions are in millimeters.
2. Dimensions include solder plating.
3. Dimensions are exclusive of mold flash & metal burr.
4. All specifications comply to JEDEC SPEC MO-203 ISSUE A.
5. Blo is facing up for mold and facing down for trim/form,
i.e. reverse trim/form.
6. Package surface matte finish VDI 11-13.
SP0502BA, SP0503BA, SP0504BA, SP0505BA, SP0506BA
Surface Mount TVS Avalanche Diode Array
-3
-2
-1
0
1
2
3
4
5
6
7
8
9
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
-1.6
Input Voltage (V)
Typical Input VI Characteristics
(Pulse-mode measurements, pulse width = 0.7 mS nominal)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com